công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3262 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM3262
Giải thích chi tiết về linh kiện  Adjustable, Step-Down DC-DC Converter With Auto Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM3262_16 Datasheet HTML 1Page - Texas Instruments LM3262_16 Datasheet HTML 2Page - Texas Instruments LM3262_16 Datasheet HTML 3Page - Texas Instruments LM3262_16 Datasheet HTML 4Page - Texas Instruments LM3262_16 Datasheet HTML 5Page - Texas Instruments LM3262_16 Datasheet HTML 6Page - Texas Instruments LM3262_16 Datasheet HTML 7Page - Texas Instruments LM3262_16 Datasheet HTML 8Page - Texas Instruments LM3262_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LM3262
www.ti.com
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
Unless otherwise noted, all specifications apply to the Typical Application Circuit with: VIN = EN = 3.6 V and
BPEN = NC = 0 V. All typical (TYP) limits apply for TA = TJ = 25°C, and all minimum (MIN) and maximum (MAX) apply over
the full operating ambient temperature range (
−30°C ≤ TA = TJ ≤ +90°C), unless otherwise specified.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback voltage at minimum
VFB, MIN
PWM mode, VCON = 0.16 V(4)
0.38
0.4
0.42
V
setting
Feedback voltage at maximum
VFB, MAX
PWM mode, VCON = 1.44 V, VIN = 4 V
3.55
3.6
3.65
V
setting
ISHDN
Shutdown supply current
EN = SW = VCON = FB = BPEN = NC =0 V(5)
0.1
1
µA
PWM mode, No switching
IQ_PWM
PWM mode quiescent current
650
795
µA
VCON = 0.13 V, FB = 1 V(6)
EN = VIN, BPEN = NC = 0V, SW = tri state
IQ_SLEEP
Low-power sleep mode
25
µA
VCON < 0.8 V, FB = 2.05 V(7)
ECO mode, No switching
IQ_ECO
ECO mode quiescent current
60
µA
VCON = 0.8 V, FB = 2.05 V(6)
ILIM,P
PFET switch peak current limit See(8)
1300
1450
1600
mA
BPFET switch peak current
ILIM, BP
VFB = VIN – 1 V
310
400
mA
limit
ƒOSC
Internal oscillator frequency
5.7
6
6.3
MHz
EN, BPEN logic high input
VIH
1.2
V
threshold
EN, BPEN logic low input
VIL
0.4
V
threshold
Gain
VCON to VOUT gain
0.16 V
≤ VCON ≤ 1.44 V(9)
2.5
V/V
IVCON
VCON pin leakage current
VCON = 1 V
–1
1
µA
Auto bypass detection
VCON = 1.2 V (VOUT-SET = 3 V)
VBP, NEG
165
200
235
mV
negative threshold
VIN = 3.2 V, RL = 6 Ω (IOUT = 500 mA)
(10)
Auto bypass detection positive
VCON = 1.2 V (VOUT-SET = 3 V)
VBP, NEG
215
250
285
mV
threshold
VIN = 3.25 V, RL = 6 Ω (IOUT = 500 mA)
(11)
IBP, SLEW
BPEN = High, Forced bypass
1600
mA
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum and maximum limits are specified by design, test, or statistical analysis.
(3)
The parameters in the electrical characteristics table are tested under open loop conditions at VIN = 3.6 V unless otherwise specified.
For performance over the input voltage range and closed-loop results, refer to Typical Characteristics.
(4)
All 0.4-V VOUT specifications are at steady-state only.
(5)
Shutdown current includes leakage current of PFET.
(6)
Iq specified here is when the device is not switching. For operating input current at no load, refer to Typical Characteristics.
(7)
FB has 200 k
Ω to SGND.
(8)
Current limit is built-in, fixed, and not adjustable.
(9)
Care should be taken to keep the VCON pin voltage less than the VIN pin voltage as this can place the device into a manufacturing test
mode.
(10) Entering bypass mode, VIN is compared to the programmed output voltage (2.5 × VCON). When VIN − (2.5 × VCON) falls below
VBP,NEG longer than TBP,NEG, the bypass FET turns on, and the switching FET turns on.
(11) Bypass mode is exited when VIN − (2.5 × VCON) exceeds VBP,POS longer than TBP,POS, and PWM mode resumes. The hysteresis for
the bypass detection threshold VBP,POS − VBP,NEG is always positive and is approximately 50 mV.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3262


Số phần tương tự - LM3262_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
More results

Mô tả tương tự - LM3262_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com