công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02061-EVM bảng dữ liệu(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02061-EVM
Giải thích chi tiết về linh kiện  3.3 or 5 Volt Laser Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-EVM bảng dữ liệu(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02061-EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Product Specification
02061-DSH-001-G
Mindspeed Technologies
®
6
Mindspeed Proprietary and Confidential
1.4
AC Characteristics
(VCC = 3.05 V to 3.55V or 4.75V to 5.4V, TA = -40 °C to +95 °C, unless otherwise noted)
Typical values are at VCC = 3.3 V, IBIASOUT = 30 mA, IMOD = 30 mA, 25 ohm load and TA = 25 °C, unless otherwise
noted.
VBH
Bias_OK upper voltage
threshold
1.45
1.6
1.7
V
VFAULTL
Lower voltage threshold for
fault inputs IBIASOUT, OUT+,
CAPC, AND MODSET
FAIL asserts if any of these signals fall below
this value.
300
400
mV
VOUT_DIS
Self bias voltage for
IBIASOUT and OUT+
DIS = high
0.5
1.65
2.2
V
VSHDWNL
SHDWNOUT output low
voltage
DIS = low, ISHDWNOUT ≤ 100uA
VCC - 4
V
VSHDWNH
SHDWNOUT output high
voltage
DIS = low, ISHDWNOUT ≤ 10uA
VCC - 0.3V
V
NOTES:
1.
When VCC = 5V, VCC3 “supply OK” circuitry monitors the internally regulated 3.3V supply. When VCC = 3.3V, VCC3 “supply OK” circuitry monitors
VCC.
Table 1-4.
AC Characteristics (1 of 2)
Symbol
Parameter
Conditions
Minimum Typical Maximum
Units
IMOD
Modulation current range
3.3V operation, AC coupled, OUT+ and OUT-
>1.6V
5V operation, DC coupled(1) into a 25
Ω load to
VCC - 1.2V. OUT+ and OUT- >1.15V
10
10
100
80
mA
IMOD(OFF)
Modulation current with output
disabled
DIS = high
300
µA
Ratio of modulation current to
MODMON current
–100
A/A
IMOD-TC
Programmable range for modulation
current temperature coefficient
Adjustable using TCSLOPE
(2)
0–
104
ppm/°C
Table 1-3.
DC Characteristics (3 of 3)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units


Số phần tương tự - M02061-EVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02061-EVM MA-COM-M02061-EVM Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
More results

Mô tả tương tự - M02061-EVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com