công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02050-15 bảng dữ liệu(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02050-15
Giải thích chi tiết về linh kiện  3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050-15 bảng dữ liệu(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02050-15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Product Specification
02050-DSH-002-F
Mindspeed Technologies™
2
Mindspeed Proprietary and Confidential
1.2
Recommended Operating Conditions
1.3
DC Characteristics
VCC = +3.3V ± 7.5% or +5V ± 7.5%, TA = -40°C to +85°C, unless otherwise noted.
Typical specifications are for VCC = 3.3V, TA = 25°C, unless otherwise noted.
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply: (VCC-GND) (apply no potential to VCC3) or
(VCC3-GND) (connect VCC to same potential as VCC3)
+5V ± 7.5% or
+3.3V ± 7.5%
V
Junction temperature
-40 to +110
°C
Operating ambient
-40 to +85
°C
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current
Includes PECL load
54 (1)
65
mA
VOUTLpecl
PECL Output Low Voltage (2)
(PECLP, PECLN)
Single ended; 50
Ω load to V
CC-2V
VCC-1.81
VCC-1.71
VCC-1.62
V
VOUTHpecl
PECL Output High Voltage (2)
(PECLP, PECLN)
Single ended; 50
Ω load to V
CC-2V
VCC-1.025
VCC-0.952
VCC-0.88
V
RINDIFF
Differential Input Resistance
Measured between DINP and DINN
90
110
130
VOH
LOS Output High Voltage
External 4.7-10 k
Ω pull up to V
CC
2.75
VCC
–V
VOL
LOS Output Low Voltage
External 4.7-10 k
Ω pull up to V
CC
0–
0.4
V
VIH
Logic Input High Voltage
JAM, RATESEL
2.7
VCC
V
VIL
Logic Input Low Voltage
JAM, RATESEL
––
0.8
V
RSSIavg
Average received signal
strength indicator range
± 15% accuracy
5
2000
µA
Notes:
1. RATESEL high (high bandwidth operation). Typical supply current decreases by 1.5 mA in low rate mode.
2. Limits apply between 0°C to +85°C. Below 0 °C the minimum decreases by up to 40 mV.


Số phần tương tự - M02050-15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
M02050-15 ETC2-M02050-15 Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
M02050-15EVM ETC2-M02050-15EVM Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
More results

Mô tả tương tự - M02050-15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com