công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02013 bảng dữ liệu(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02013
Giải thích chi tiết về linh kiện  CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02013 bảng dữ liệu(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02013_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02013
11
CMOS Transimpedance Amplifier with AGC
for Fiber-optic Networks up to 3.2 Gbps
Rev V8
3.0
Functional Description
3.1
Overview
The M02013 is a transimpedance amplifier (TIA) with AGC manufactured in a sub-micron, CMOS process. The
AGC allows more than 25 dBm of dynamic range, providing a low-cost solution for longer-reach 3.2 Gbps ATM/
SONET systems.
For optimum system performance, the M02013 die should be mounted with a silicon or InGaAs PIN photodetector
inside a lensed TO-Can or other optical sub-assembly.
he M02013 can either bias the PIN diode from the internal regulator or use an externally biased PIN diode.
A replica of the average photodiode current is available at the MON pad for photo-alignment and 'Loss of Signal'
(LOS) monitoring.
Figure 3-1.
M02013 Block Diagram
DC
Restore
Phase
Splitter
B.I.S.T.
EN
AGC
PINA
PINK
MON
DOUT
DOUT
2.6 V
1 V
DC Shift


Số phần tương tự - M02013_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results

Mô tả tương tự - M02013_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com