công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02009 bảng dữ liệu(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02009
Giải thích chi tiết về linh kiện  Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02009 bảng dữ liệu(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02009 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Functional Description
02009-DSH-001-D
Mindspeed Technologies™
2
Mindspeed Proprietary and Confidential
1.2
Features
Low cost IC fabricated in CMOS.
Receiver sensitivity better than -32 dBm @ 622 Mbps.
Minimum 340 MHz bandwidth and multi-pole roll off allows a wide range of operation up to 622 Mbps.
Typical differential transimpedance at low signal levels of 40
Ω.
AGC gives continuous operation to +3 dBm
> 33 dB power-supply noise rejection.
Typical 130 mW power comsumption at 3.3V supply.
Monitor output gives linear indication of received optical power.
Differential output.
1.3
General Description
1.3.1
TIA (Transimpedance Amplifier)
The transimpedance amplifier consists of a high gain single-ended CMOS amplifier, with a feedback resistor. The
feedback creates a virtual low impedance at the input and virtually all of the input current passes through the feed-
back resistor, defining the voltage at the output. Advanced CMOS design techniques are employed to maintain the
stability of these stages across all input conditions.
Figure 1-2.
Top level diagram
PINK
MON
V
CC
DOUT
DOUTB
AGC
GND
PINA


Số phần tương tự - M02009

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
M02009 ETC2-M02009 Datasheet
302Kb / 19P
   Low cost IC fabricated in CMOS
More results

Mô tả tương tự - M02009

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
MC2007-3 MA-COM-MC2007-3 Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
02009-BRF-001-A MA-COM-02009-BRF-001-A Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
MC2009 MA-COM-MC2009 Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
logo
List of Unclassifed Man...
MC2009 ETC2-MC2009 Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
logo
M/A-COM Technology Solu...
M02006 MA-COM-M02006 Datasheet
273Kb / 16P
   CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com