công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CX02066 bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện CX02066
Giải thích chi tiết về linh kiện  3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02066 bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CX02066 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CX02066 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information:
U.S. and Canada: (800) 854-8099
International: (949) 483-6996
Headquarters – Newport Beach
4000 MacArthur Blvd. East Tower
Newport Beach, CA 92660
Order# 500047A M01-0254
© 2001 Mindspeed Technologies, a Conexant business. All rights reserved. Mindspeed
and the Mindspeed logo are trademarks of Mindspeed Technologies. All other
trademarks are the property of their respective owners. Although Mindspeed
Technologies strives for accuracy in all its publications, this material may contain
errors or omissions and is subject to change without notice. This material is provided
as is and without any express or implied warranties, including merchantability, fitness
for a particular purpose and non-infringement. Mindspeed Technologies shall not be
liable for any special, indirect, incidental or consequential damages as a result of its use.
A CONEXANT BUSINESS
Features
• High-speed operation; suitable for applications
up to 3 Gbps
• Typical rise/fall times < 90 ps
• DC- or AC-coupled modulation drive
• Differential data and clock inputs minimize
pattern-dependent jitter
• Independently programmable laser bias and
modulation currents
• Bias current to 100 mA and modulation current
to 85 mA at VCC = 3.3 V
• Automatic laser power control, with programmable
temperature compensation and ‘slow-start’
• Bias and modulation current monitor
• Operates with +3.3 V supply
• Functionally compatible with MAX3869
• Available in die form, BCC+24 or TQFP32
Applications
• Short-reach SONET/SDH
• Metro-reach SONET/SDH
• Datacom modules
• Telecom modules
• Add/drop multiplexers
Product Highlights
RD
OUT+
OUT-
V
CC
R
C
SHUNT
SHUNT
DATA
CLK
CEN
DIS
ENA
MON
BIAS
BIAS
I
I
60
30
MON
MOD
MOD
OCA
OCA SET
MPC
FAIL
MPCSET
PD
I
R
BIAS
GNDA
X100
X60
X1
Failure
Detect
REF
C
CC
V
V
O
Q
NOTE: BCC + 24 Package
PD and MPC
are common on Pin 13
BIAS MON and MOD
are common on Pin 14
MON
SET
CX02066 functional block diagram


Số phần tương tự - CX02066

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Synaptics Incorporated.
CX02066 CONEXANT-CX02066 Datasheet
267Kb / 1P
   3 GBPS INTERMEDIATE REACH LASER DRIVER
More results

Mô tả tương tự - CX02066

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33 Datasheet
51Kb / 2P
   highly integrated SONET/SDH terminator
logo
M/A-COM Technology Solu...
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88912L MICREL-SY88912L Datasheet
47Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
M/A-COM Technology Solu...
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com