công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1875-SP bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1875-SP
Giải thích chi tiết về linh kiện  Rad-Tolerant Class-V, Phase Shift Resonant Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1875-SP bảng dữ liệu(HTML) 4 Page - Texas Instruments

  UC1875-SP Datasheet HTML 1Page - Texas Instruments UC1875-SP Datasheet HTML 2Page - Texas Instruments UC1875-SP Datasheet HTML 3Page - Texas Instruments UC1875-SP Datasheet HTML 4Page - Texas Instruments UC1875-SP Datasheet HTML 5Page - Texas Instruments UC1875-SP Datasheet HTML 6Page - Texas Instruments UC1875-SP Datasheet HTML 7Page - Texas Instruments UC1875-SP Datasheet HTML 8Page - Texas Instruments UC1875-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
UC1875-SP
SLUSAQ9B – DECEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
CDIP
LCCC
CFP
Bi-directional clock and synchronization pin. Used as an output, this
CLOCK/
17
9
20
I/O
pin provides a clock signal. As an input, this pin provides a
SYNC
synchronization point.
The positive input to the current-fault comparator whose reference is
set internally to fixed 2.5 V (separate from VREF). When the voltage at
this pin exceeds 2.5 V, the current-fault latch is set, the outputs are
forced off and a SOFT START cycle is initiated. If a constant voltage
C/S+
5
22
6
I
above 2.5 V is applied to this pin the outputs are disabled from
switching and held in a low state until the C/S (+) pin is brought below
2.5 V. The outputs may begin switching at 0 degrees phase shift
before the SOFT START pin begins to rise, this condition will not
prematurely deliver power to the load.
Output delay control. The users programmed current flowing from
these pins to GND set the turn-on delay for the corresponding output
pair. This delay is introduced between turn-off of one switch and turn-
DELAY
15
7
18
O
on of another in the same leg of the bridge to provide a dead time in
SET A/B
which the resonant switching of the external power switches takes
place. Separate delays are provided for the two half bridges to
accommodate differences in the resonant capacitor charging currents.
Output delay control. The users programmed current flowing from
these pins to GND set the turn-on delay for the corresponding output
pair. This delay is introduced between turn-off of one switch and turn-
DELAY
7
24
8
O
on of another in the same leg of the bridge to provide a dead time in
SET C/D
which the resonant switching of the external power switches takes
place. Separate delays are provided for the two half bridges to
accommodate differences in the resonant capacitor charging currents.
This pin is normally connected to a reference voltage used for
E/A+
4
21
5
I
comparison with the sensed power supply output voltage level at the
E/A(-) pin.
This pin is normally connected to the voltage divider resistors which
E/A–
3
20
4
I
sense the power supply output level.
Error amplifier output. This is the gain stage for overall feedback
control. Error amplifier output voltage levels below 1 volt will force 0°
E/A OUT
2
17
3
O
phase shift. Since the error amplifier has a relatively low current drive
(COMP)
capability, the output may be overridden by driving with a sufficiently
low impedance source.
Oscillator frequency set pin. A resistor and a capacitor from FREQ
FREQ
16
8
19
O
SET to GND will set oscillator frequency according to the following
SET
relationship: f = 4/(RfSET × CRAMP).
Signal ground. All voltages are measured with respect to ground
(GND). The timing capacitor, on the FREQ SET pin, and bypass
GND
20
14
23
_
capacitor on the VREF pin, bypass capacitors on VIN and the ramp
capacitor, on the RAMP pin, should be connected directly to the
ground plane near the signal ground pin.
5, 6, 12, 13,
N/C
15, 18, 19,
1, 12, 13, 24
_
No connection.
25
The outputs are 2 A totem-pole drivers optimized for both MOSFET
gates and level shifting transformers. The outputs operate as pair with
a nominal 50% duty cycle. The A-B pair is intended to drive one half
OUT A
14
4
17
O
bridge in the external power stage and is synchronized with the clock
waveform. The C-D pair will drive the other half-bridge with switching
phase shifted with respect to the A-B outputs.
OUT B
13
3
16
O
See OUT A description.
OUT C
9
27
10
O
See OUT A description.
OUT D
8
26
9
O
See OUT A description.
Power ground. VC should be bypassed with a ceramic capacitor from
the VC pin to the section of the ground plane that is connected to
POWER
12
2
15
_
PWR GND. Any required bulk reservoir capacitor should parallel this
GND
one. Power ground and signal ground may be joined at a signal point
to optimize noise rejection and minimize DC drops.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: UC1875-SP


Số phần tương tự - UC1875-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results

Mô tả tương tự - UC1875-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com