công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC2007-3 bảng dữ liệu(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MC2007-3
Giải thích chi tiết về linh kiện  3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC2007-3 bảng dữ liệu(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MC2007-3 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
02007-DSH-002-E
Mindspeed Technologies
®
1
Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
1.2
Recommended Operating Conditions
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply (VCC - GND)
-0.4 to +4.5
V
TJ
Die Junction temperature
+150
°C
TSTG
Storage temperature
-65 to +150
°C
IPINA
PinA maximum input current
4.5 (1, 2, 3)
mApp
VPINA
Input voltage at PINA
-0.4 to +3.6 (2)
V
IPINK
Maximum average current sourced out of PINK
10
mA
VPINK
Maximum input voltage at PINK and MON
-0.4 to VCC +0.4
V
IDout
Maximum average current sourced out of Dout and DoutB
10.0 (4)
mA
VDout
Maximum input voltage at Dout and DoutB
0.0 to VCC +0.4
(4)
V
NOTES:
1.
Equivalent to 2.8 mA average current.
2.
Do not exceed either the IPINA or VPINA rating. PINA damage will result in performance degradation which is difficult to detect.
3.
Part must be powered up for PinA to accept this current. With the part unpowered, no current should be sourced into PinA.
4.
Do not exceed either the IDout or VDout rating. Output device damage could occur.
Table 1-2.
Recommended Operating Conditions
Symbol
Parameter
Rating
Units
VCC
Power supply (VCC - GND)
3.3 ± 10%
V
CPD
Max. Photodiode capacitance (VPD = 1.8 V), for 155 Mbps data rate
1.0
pF
TA
Operating ambient temperature
-40 to +85
°C


Số phần tương tự - MC2007-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC2007-3 ETC2-MC2007-3 Datasheet
301Kb / 18P
   Passive Optical Networks
More results

Mô tả tương tự - MC2007-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02007-BRF-001-A MA-COM-02007-BRF-001-A Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
MC2007 MA-COM-MC2007 Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02006 MA-COM-M02006 Datasheet
273Kb / 16P
   CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
   CMOS Pre-amplifier with AGC for Long-reach
logo
Sanyo Semicon Device
LA8160V SANYO-LA8160V_08 Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
logo
M/A-COM Technology Solu...
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com