công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM53601MQDSXTQ1 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM53601MQDSXTQ1
Giải thích chi tiết về linh kiện  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53601MQDSXTQ1 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM53601MQDSXTQ1 Datasheet HTML 7Page - Texas Instruments LM53601MQDSXTQ1 Datasheet HTML 8Page - Texas Instruments LM53601MQDSXTQ1 Datasheet HTML 9Page - Texas Instruments LM53601MQDSXTQ1 Datasheet HTML 10Page - Texas Instruments LM53601MQDSXTQ1 Datasheet HTML 11Page - Texas Instruments LM53601MQDSXTQ1 Datasheet HTML 12Page - Texas Instruments LM53601MQDSXTQ1 Datasheet HTML 13Page - Texas Instruments LM53601MQDSXTQ1 Datasheet HTML 14Page - Texas Instruments LM53601MQDSXTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Voltage
Reference
Driver
Control Logic
OSC
+
-
+
-
Control
HS Current
Sense
LS Current
Sense
COMP
Error
Amplifier
Int. Reg.
Bias
SW
BOOT
RESET
AGND
VIN
SYNC/MODE
GND
EN
VCC
FB
11
LM53600-Q1, LM53601-Q1
www.ti.com
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM53600-Q1 and LM53601-Q1 devices are wide-input voltage range, low quiescent current, high-
performance regulators with internal compensation designed specifically for the automotive market. These
devices are designed to minimize end product cost and size while operating in demanding automotive
environments. Normal operating frequency is 2.1 MHz allowing the use of small passive components. State of
the art current limit allows the use of inductors that are smaller than those typically used in a 650mA or 1000mA
regulator. 2.1MHz is above the AM band, allowing significant saving in input filtering. This part has a low
unloaded current consumption eliminating the need for an external back-up LDO. The low shutdown current and
high maximum operating voltage of the LM53600-Q1 and LM53601-Q1 devices also allows the elimination of an
external load switch. To further reduce system cost, an advanced reset output is provided, which can often
eliminate the use of an external reset or supervisory device.
The LM53600-Q1 and LM53601-Q1 devices are AEC Q1 qualified, and also have electrical characteristics
ensured up to a maximum junction temperature of 150°C.
8.2 Functional Block Diagram
Figure 7. Fixed Versions


Số phần tương tự - LM53601MQDSXTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53601MQDSXTQ1 TI-LM53601MQDSXTQ1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Mô tả tương tự - LM53601MQDSXTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com