công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM53600NQDSXRQ1 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM53600NQDSXRQ1
Giải thích chi tiết về linh kiện  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53600NQDSXRQ1 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM53600NQDSXRQ1 Datasheet HTML 5Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 6Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 7Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 8Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 9Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 10Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 11Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 12Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
LM53600-Q1, LM53601-Q1
www.ti.com
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
System Characteristics (continued)
The following specifications are ensured by design provided that the component values in the typical application circuit are
used. These parameters are not ensured by production testing. Limits apply over the recommended operating junction
temperature range of –40°C to +150°C, unless otherwise noted. Minimum and Maximum limits are ensured through test,
design or statistical correlation. Typical values represent the most likely parametric norm at Tj = 25°C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: Vin = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDROP2
Minimum input to output voltage
differential to maintain FSW ≥ 1.85
MHz, without inductor DCR drop
VOUT = 3.3 V, IOUT=1000 mA, FSW =
1.85 MHz, 2% regulation accuracy
2.0
V
Efficiency
Typical Efficiency without inductor
loss
VIN = 13.5 V, VOUT = 5.0 V, IOUT = 1
A
85%
VIN = 13.5 V, VOUT = 3.3 V, IOUT = 1
A
80%
VIN = 13.5 V, VOUT = 5.0 V, IOUT =
0.65 A
86%
VIN = 13.5 V, VOUT = 3.3 V, IOUT =
0.65 A
83%
(1)
See Detailed Description
(2)
Ensured by design, statistical analysis and production testing of correlated parameters; not tested in production.
7.7 Timing Requirements
Limits apply over the recommended operating junction temperature range of –40°C to 150°C, unless otherwise noted.
Minimum and Maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at Tj = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: Vin = 13.5 V.
MIN
NOM
MAX
UNIT
ton
Minimum switch on time(1)
VIN = 18 V, IOUT = 500 mA
50
80.5
ns
toff
Minimum switch off time(1)
IOUT = 500 mA
90
125
treset_act
Delay time to RESET high signal
4
6
8
ms
treset_filter
Glitch filter time constant for RESET function
24
µs
tSS
Soft-start time
Time from first SW node
pulse to Vref at 90%, VIN
≥4.2 V
1.3
3
4.5
ms
tEN
Turn-on delay(2)
Time from EN high until first
SW node pulse. VIN = 13.5,
Cvcc = 1 µF
0.7
ms
tW
Short circuit wait time (Hiccup time)
4.5
ms


Số phần tương tự - LM53600NQDSXRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53600NQDSXRQ1 TI-LM53600NQDSXRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Mô tả tương tự - LM53600NQDSXRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com