công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25066PSQE bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM25066PSQE
Giải thích chi tiết về linh kiện  System Power Management and Protection IC With PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066PSQE bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM25066PSQE Datasheet HTML 7Page - Texas Instruments LM25066PSQE Datasheet HTML 8Page - Texas Instruments LM25066PSQE Datasheet HTML 9Page - Texas Instruments LM25066PSQE Datasheet HTML 10Page - Texas Instruments LM25066PSQE Datasheet HTML 11Page - Texas Instruments LM25066PSQE Datasheet HTML 12Page - Texas Instruments LM25066PSQE Datasheet HTML 13Page - Texas Instruments LM25066PSQE Datasheet HTML 14Page - Texas Instruments LM25066PSQE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
-60 -40 -20 0 20 40 60 80 100120140
23.0
23.2
23.4
23.6
23.8
24.0
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100120140
1.162
1.163
1.164
1.165
1.166
1.167
1.168
1.169
1.170
1.171
1.172
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100120140
18
22
26
30
34
38
42
TEMPERATURE (°C)
PGD Sink Current = 2mA
-60 -40 -20 0 20 40 60 80 100120140
1.15
1.16
1.17
TEMPERATURE (°C)
VIN = 2.9 to 12V
VIN = 17V
-40 -20
0
20 40 60 80 100 120 140
0
4
8
12
16
20
24
TEMPERATURE (°C)
RPWR
=50K; CL = VDD
RPWR
=25K; CL = GND
-40 -20
0
20 40
60 80 100 120 140
14
15
16
17
18
19
20
21
22
23
TEMPERATURE (°C)
VIN = 5V TO 17V
VIN = 2.9V
LM25066
www.ti.com
SNVS654J – FEBRUARY 2010 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12 V. All graphs show junction temperature.
Figure 8. GATE Pin Source Current
Figure 9. Power Limit Threshold
Figure 10. PGD Low Voltage
Figure 11. UVLO Threshold
Figure 12. UVLO Hysteresis Current
Figure 13. FB Threshold
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25066


Số phần tương tự - LM25066PSQE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ/NOPB TI1-LM25066APSQ/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results

Mô tả tương tự - LM25066PSQE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com