công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM53600-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM53600-Q1
Giải thích chi tiết về linh kiện  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53600-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM53600-Q1 Datasheet HTML 1Page - Texas Instruments LM53600-Q1 Datasheet HTML 2Page - Texas Instruments LM53600-Q1 Datasheet HTML 3Page - Texas Instruments LM53600-Q1 Datasheet HTML 4Page - Texas Instruments LM53600-Q1 Datasheet HTML 5Page - Texas Instruments LM53600-Q1 Datasheet HTML 6Page - Texas Instruments LM53600-Q1 Datasheet HTML 7Page - Texas Instruments LM53600-Q1 Datasheet HTML 8Page - Texas Instruments LM53600-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
6
7
8
9
5
4
3
2
1
DAP
10
SW
BOOT
VCC
FB
AGND
RESET
EN
VIN
SYNC/
MODE
GND
Fixed Version
6
7
8
9
5
4
3
2
1
DAP
10
SW
BOOT
VCC
FB
BIAS
RESET
EN
VIN
SYNC/
MODE
GND
Adjustable Version
4
LM53600-Q1, LM53601-Q1
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
G = Ground, I = Input, O = Output, P = Power
6 Pin Configuration and Functions
DSX Package
10-Pin WSON
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
SW
P
Regulator switch node. Connect to output inductor.
2
BOOT
I
High side gate driver upper supply rail. Connect a 100-nF capacitor from SW pin to BOOT. An internal
diode charges the capacitor while SW node is low.
3
VCC
P
Internal 3-V regulator output. Used as supply to internal control circuits. Connect a high quality 1.0-
μF
capacitor from this pin to AGND for fixed versions or to GND for adjustable versions.
4
FB (Fixed
Versions)
I/P
Fixed version only, this pin serves as feedback for output voltage as well as power source for VCC’s
regulator. Connect to output node. Place 10-nF bypass capacitor immediately adjacent to this pin.
FB (ADJ
Version)
I
ADJ version only, this pin serves as feedback for output voltage only. Connect to output through a
voltage divider which determines output voltage set point.
5
AGND (Fixed
Version)
G
Fixed versions only, this is the ground to which input signals and FB are compared.
BIAS (ADJ
Version)
P
Power source for VCC’s regulator. Connect to output node. Place 10-nF bypass capacitor immediately
adjacent to this pin.
6
RESET
O
Open drain reset output. Connect to suitable voltage supply through a current limiting pull up resistor.
High = regulator OK, Low = regulator fault. Will go low when EN = low. See Detailed Description.
7
EN
I
Enable input to regulator. High = on, Low = off. Can be connected to Vin. Do not float.
8
VIN
I
Input supply to regulator. Connect input bypass capacitors directly between this pin and GND.
9
SYNC/MODE
I
This is a multifunction mode control input which is tolerant of voltages up to input voltage. With a valid
synchronization signal at this pin, the device will switch in forced PWM mode at the external clock
frequency and synchronize with it at the rising edge of the clock. See the Electrical Characteristics for
synchronization signal specifications. With this input tied high, the device will switch at the internal
clock frequency in forced PWM mode. With this input tied low, the device will switch at the internal
clock frequency in AUTO mode with diode emulation at light load. Spread spectrum is disabled if there
is a valid synchronization signal. Do not float.
10
GND
G
Bypass to VIN immediately adjacent to this pin.
DAP
(EXPO
SED
PAD)
Thermal,
GND
Thermal
Connect to ground – The sole function of the DAP interface is the thermal improvement of the device,
a direct thermal connection to a ground plane is required. The DAP is not meant as an electrical
interconnect. Electrical characteristics are not ensured.


Số phần tương tự - LM53600-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53600-Q1 TI-LM53600-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
LM53600-Q1 TI-LM53600-Q1_15 Datasheet
112Kb / 4P
[Old version datasheet]   LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
LM53600-Q1 TI-LM53600-Q1_V01 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Mô tả tương tự - LM53600-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com