công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25037MT bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM25037MT
Giải thích chi tiết về linh kiện  Dual-Mode PWM Controller With Alternating Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037MT bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM25037MT Datasheet HTML 7Page - Texas Instruments LM25037MT Datasheet HTML 8Page - Texas Instruments LM25037MT Datasheet HTML 9Page - Texas Instruments LM25037MT Datasheet HTML 10Page - Texas Instruments LM25037MT Datasheet HTML 11Page - Texas Instruments LM25037MT Datasheet HTML 12Page - Texas Instruments LM25037MT Datasheet HTML 13Page - Texas Instruments LM25037MT Datasheet HTML 14Page - Texas Instruments LM25037MT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LM25037, LM25037-Q1
www.ti.com
SNVS572E – JULY 2008 – REVISED JANUARY 2016
Feature Description (continued)
7.3.5 Cycle-By-Cycle Current Limit
The CS pin is to be driven by a signal representative of the transformer primary current. The current sense signal
can be generated by using a sense resistor or a current sense transformer. If the voltage sensed at the CS pin
exceeds 0.255 V, the current sense comparator terminates the output driver pulse. If the high current condition
persists, the controller operates in a cycle-by-cycle current limit mode with duty cycle determined by the current
sense comparator instead of the PWM comparator. Cycle-by-cycle current limiting may eventually trigger the
hiccup mode restart cycle; depending on the configuration of the RES pin (see Overload Protection Timer). To
suppress noise, TI recommends connecting a small R-C filter to the CS pin and placing it near the controller. An
internal 21-
Ω MOSFET discharges the external current sense filter capacitor at the conclusion of every cycle.
The discharge MOSFET remains on for an additional 65 ns after either OUTA or OUTB driver switches high to
blank leading edge transients in the current sensing circuit. Discharging the CS pin filter each cycle and blanking
leading edge spikes reduces the filtering requirements and improves the current sense response time. The
current sense comparator is very fast and may respond to short duration noise pulses. Layout considerations are
critical for the current sense filter and sense resistor. The capacitor associated with the CS filter must be placed
very close to the device and connected directly to the CS and AGND pins. If a sense resistor located in the
source of the main MOSFET switch is used for current sensing, a low inductance type of resistor is required.
When designing with a current sense resistor, all the noise sensitive, low power ground connections should be
connected together near the AGND pin, and a single connection should be made to the power ground (sense
resistor ground point).
7.3.6 Overload Protection Timer
The LM25037 provides a current limit restart timer to disable the outputs and force a delayed restart (hiccup
mode) if a current limit condition is repeatedly sensed. The number of cycle-by-cycle current limit events required
to trigger the restart is programmed by the external capacitor at the RES pin. During each PWM cycle, the
LM25037 either sources to or sinks current from the RES pin capacitor. If no current limit is detected during a
cycle, a 8-µA discharge current sink is enabled to pull the RES pin towards ground. If a current limit is detected,
the 8 µA sink current is disabled and an 18-µA current source causes the voltage at the RES pin to gradually
increase. The LM25037 protects the converter with cycle-by-cycle current limiting while the voltage at RES pin
increases. If the RES voltage reaches the 2-V threshold, the following restart sequence occurs (also see
Figure 12):
The RES capacitor and SS capacitors are fully discharged.
The soft-start current source is reduced from 100 µA to 1 µA.
The SS capacitor voltage slowly increases. When the SS voltage reaches
≊1 V, the PWM comparator will
produce the first narrow output pulse. After the first pulse occurs, the SS source current reverts to the normal
100-µA level. The SS voltage increases at its normal rate, gradually increasing the duty cycle of the output
drivers.
If the overload condition persists after restart, cycle-by-cycle current limiting will begin to increase the voltage
on the RES capacitor again, repeating the hiccup mode sequence.
If the overload condition no longer exists after restart, the RES pin will be held at ground by the 8-µA current
sink and normal operation resumes.
The overload timer function is very versatile and can be configured for the following modes of protection:
1. Cycle-by-cycle only: The hiccup mode can be completely disabled by connecting a 0-k
Ω to 50-kΩ resistor
from the RES pin to AGND. In this configuration, the cycle-by-cycle protection will limit the output current
indefinitely and no hiccup sequences will occur.
2. Hiccup only: The timer can be configured for immediate activation of a hiccup sequence upon detection of
an overload by leaving the RES pin open circuit. In this configuration, the first detection of current limit
condition by the CS pin comparator will initiate a hiccup cycle with SS capacitor fully discharged and a
delayed restart.
3. Delayed Hiccup: Connecting a capacitor to the RES pin provides a programmed interval of cycle-by-cycle
limiting before initiating a hiccup mode restart, as previously described. The dual advantages of this
configuration are that a short term overload will not cause a hiccup mode restart but during extended
overload conditions, the average dissipation of the power converter will be very low.
4. Externally Controlled Hiccup: The RES pin can also be used as an input. By externally driving the pin to a
level greater than the 2-V hiccup threshold, the controller will be forced into the delayed restart sequence.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25037 LM25037-Q1


Số phần tương tự - LM25037MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25037MT NSC-LM25037MT Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037MT/NOPB TI-LM25037MT/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037MTX NSC-LM25037MTX Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037MTX/NOPB TI-LM25037MTX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

Mô tả tương tự - LM25037MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com