công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02040-15EVM bảng dữ liệu(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02040-15EVM
Giải thích chi tiết về linh kiện  3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02040-15EVM bảng dữ liệu(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02040-15EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02040-15EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02040-15EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02040-15EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02040-15EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02040-15EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02040-15EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02040-15EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02040-15EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
M02040-15
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
5
3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
Rev V4
1.2
Recommended Operating Conditions
1.3
DC Characteristics
VCC = +3.3V ± 7.5% or +5V ± 7.5%, TA = -40°C to +85°C, unless otherwise noted.
Typical specifications are for VCC = 3.3V, TA = 25°C, unless otherwise noted.
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply: (VCC-GND) (apply no potential to VCC3) or
(VCC3-GND) (connect VCC to same potential as VCC3)
+5V ± 7.5% or +3.3V
± 7.5%
V
Junction temperature
-40 to +110
°C
Operating ambient
-40 to +85
°C
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current
Outputs terminated into 50
Ω to VCC
(includes PECL load)
52
61
mA
VOUTLpecl
PECL Output Low Voltage (1)
(PECLP, PECLN)
Single ended; 50
Ω load to VCC-2V
VCC-1.81
VCC-1.71
VCC-1.62
V
VOUTHpecl
PECL Output High Voltage (1)
(PECLP, PECLN)
Single ended; 50
Ω load to VCC-2V
VCC-1.025
VCC-0.952
VCC-0.88
V
RINDIFF
Differential Input Resistance
Measured between DINP and DINN
90
110
130
Ω
VOH_CMOS
LOS Output High Voltage
External 4.7-10 k
Ω pull up to VCC
2.75
VCC
–V
VOL_CMOS
LOS Output Low Voltage
External 4.7-10 k
Ω pull up to VCC
0–
0.4
V
VIH
Logic Input High Voltage
JAM, DC_Servo
2.7
VCC
V
VIL
Logic Input Low Voltage
JAM, DC_Servo
––
0.8
V
RSSIavg
Average received signal strength
indicator range
± 15% accuracy
5
2000
μA
Notes:
1. Limits apply between 0°C to +85°C. Below 0 °C the minimum decreases by up to 40 mV.


Số phần tương tự - M02040-15EVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-15EVM MA-COM-M02046-15EVM Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-25 MA-COM-M02046-25 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results

Mô tả tương tự - M02040-15EVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com