công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02006F-DIE bảng dữ liệu(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02006F-DIE
Giải thích chi tiết về linh kiện  CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02006F-DIE bảng dữ liệu(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02006F-DIE Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02006F-DIE Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02006F-DIE Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02006F-DIE Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02006F-DIE Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02006F-DIE Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02006F-DIE Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02006F-DIE Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02006F-DIE Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
M02006
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
8
CMOS Pre-amplifier with AGC for Long-reach
155 Mbps Fiber-optics Based Transmitter
Rev V4
3.2
TZA
The transimpedance amplifier consists of a high gain single-ended CMOS amplifier, with a feedback resistor. The
feedback creates a virtual low impedance at the input and nearly all of the input current passes through the
feedback resistor, defining the voltage at the output. Advanced CMOS design techniques are employed to maintain
the stability of this stage across all input conditions.
Single-ended amplifiers have inherently poor power supply noise rejection. For this reason, an on-chip low dropout
linear regulator has been incorporated into the design to give excellent noise rejection up to several MHz. Higher
frequency power supply noise is removed by external decoupling.
The circuit is designed for PIN photodiodes in the grounded cathode configuration, with the anode connected to the
input of the TZA and the cathode connected to AC ground. Reverse dc bias is applied via PINK to reduce the
photodiode capacitance.
3.3
AGC
The M02006 has been designed to operate over the input range of +3 dBm to –39 dBm at long wavelengths.
This represents a ratio of 1:12500, whereas the acceptable dynamic range of the output is only 1:250 which implies
a compression of 50:1 in the transimpedance.
The design uses a MOS transistor configured as a voltage controlled resistor to achieve transimpedance variation,
which allows the device to maintain a relatively constant output amplitude over more than 30db of optical input
power.
3.4
Output Stage
The signal from the TZA enters a phase splitter and a pair of voltage follower outputs. These are designed to drive
a high impedance (>500
Ω) load. They are stable for driving capacitive loads, such as interstage filters.


Số phần tương tự - M02006F-DIE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
M0200-101-4-000 ETC2-M0200-101-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-101-5-000 ETC2-M0200-101-5-000 Datasheet
147Kb / 3P
   80mm Servo Motor, 200W
M0200-102-4-000 ETC2-M0200-102-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-104-4-000 ETC2-M0200-104-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
More results

Mô tả tương tự - M02006F-DIE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
   CMOS Pre-amplifier with AGC for Long-reach
MC2006 MA-COM-MC2006 Datasheet
96Kb / 2P
   155 Mbps Pre-Amplifier
logo
Source Photonics, Inc.
C-13-155-T-SSC7 SOURCE-C-13-155-T-SSC7 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
logo
M/A-COM Technology Solu...
02006-BRF-001-A MA-COM-02006-BRF-001-A Datasheet
102Kb / 2P
   155 Mbps Pre-Amplifier
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
MC2007-3 MA-COM-MC2007-3 Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com