công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CX02068G-TQ32 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện CX02068G-TQ32
Giải thích chi tiết về linh kiện  3.3 Volt Laser Driver IC for 155/622 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02068G-TQ32 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CX02068G-TQ32 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
02068-DSH-001-C
Mindspeed Technologies
®
April 2006
Mindspeed Proprietary and Confidential
The CX02068 is a highly integrated, programmable laser driver intended for Telecom applications up to 622 Mbps.
Using differential PECL data, the CX02068 supplies the bias and modulation current for driving an edge-emitting
laser. The modulation output can be DC-coupled to the laser diode, giving a significant power saving over AC-
coupled operation.
The CX02068 includes automatic power control (APC) to maintain a constant average laser output power over
temperature and life. In addition, the modulation current is temperature compensated to minimize variation in
extinction ratio over temperature. Output flags indicate laser end of life as well as failure of the APC circuitry to
maintain average output power.
Features
• Rise and fall times <180 ps
• Operates with +3.3 volt supply
• DC or AC-coupled modulation drive.
• Independently programmable laser bias (to 100 mA) and
modulation currents (to 85 mA).
• Automatic laser power control, with programmable temperature
compensation and ‘Slow-Start’.
• Bias and modulation current monitors
• Failure monitor
• Available in BCC+24 , TQFP32 and DIE packages
• Available in RoHS compliant packages
Applications
• OC-3/STM1, SONET/SDH
• OC-12/STM4, SONET/SDH
•ATM
• FTTH
Functional Block Diagram
X100
X55
Failure
Detect
DIS
ENA
55
55
FAIL
X1
OCA
DIN
BIAS MON
MOD MON
OUT-
OUT+
V DD
IBIAS
RMPCSET
V DD
CMPC
V REF
PD
OCA SET
RD
GNDA
R SHUNT
C SHUNT
I BIAS
DIN
IMOD PP
Revision Information
This document contains information that is subject to change without notice. Contact Technical
Publications for latest revision information.
CX02068
3.3 Volt Laser Driver IC for 155/622 Mbps


Số phần tương tự - CX02068G-TQ32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Synaptics Incorporated.
CX02066 CONEXANT-CX02066 Datasheet
267Kb / 1P
   3 GBPS INTERMEDIATE REACH LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
More results

Mô tả tương tự - CX02068G-TQ32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com