công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CX02068 bảng dữ liệu(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện CX02068
Giải thích chi tiết về linh kiện  3.3 Volt Laser Driver IC for 155/622 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02068 bảng dữ liệu(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button CX02068 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
02068-DSH-001-C
Mindspeed Technologies
®
4
Mindspeed Proprietary and Confidential
2.0 Pin Description
2.1
Pin Descriptions
Table 2-1.
Pin Descriptions
Pin No
BCC+24
Pin No
TQFP32
Name
Function
-18
VCC
Power supply. Connect to VCC, do not leave open.
-
22
GNDA
Ground to output stage.(inductor to ground to optimize output stage performance)
-32
VCC
Power supply. Connect to VCC, do not leave open.
-
5, 6, 8, 27
NC
Not connected
-7
VCC
Power supply. Connect to VCC, do not leave open.
-25
VCC
Power supply. Connect to VCC, do not leave open.
1
9
ENA
Bias and modulation output enable (TTL/CMOS). HIGH for normal operation
2
10
DIS
Bias and modulation output disable (TTL/CMOS). LOW for normal operation
311
BIASMON
Bias monitor. Connect a resistor between this pin and VCC to monitor. Connect to VCCif not in use.
412
MODMON
Modulation monitor. Connect a resistor between this pin and VCC to monitor. Connect to VCC if not in
use.
513
FAIL
Mean power control failure indicator (TTL/CMOS). Goes low when control loop is no longer able to
maintain constant current at PD
614
OCA
Over-Current Alarm (TTL/CMOS). Goes low when IBIAS exceeds the preset bias current limit
7
-
GND
Ground. Connect to VCC, do not leave open.
8
17
BIAS
Laser bias current output
91
VCC
Power supply. Connect to VCC, do not leave open.
10
19
OUT+
Positive modulation current output. Sinks current when DIN is HIGH.
11
20
OUT-
Negative modulation current output. Sinks current when DIN is HIGH.
12
23
GNDA
Ground to output stage.(inductor to ground to optimize output stage performance)
13
24
PD
Monitor photodiode input. This input is connected to the monitor photodiode anode for automatic
power control.
14
26
CMPC
Mean power control dominant pole capacitor
15
15
GND
Ground. Connect to VCC, do not leave open.
16
28
TCSLOPE
Connecting a resistor between this pin and ground sets the temperature coefficient of IMODSET (using
the internal IC temperature).


Số phần tương tự - CX02068

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Synaptics Incorporated.
CX02066 CONEXANT-CX02066 Datasheet
267Kb / 1P
   3 GBPS INTERMEDIATE REACH LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
More results

Mô tả tương tự - CX02068

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com