công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GSW-0809 bảng dữ liệu(PDF) 1 Page - Level One

tên linh kiện GSW-0809
Giải thích chi tiết về linh kiện  8-Port Gigabit Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LVL1 [Level One]
Trang chủ  http://www.level1.com/
Logo LVL1 - Level One

GSW-0809 bảng dữ liệu(HTML) 1 Page - Level One

  GSW-0809 Datasheet HTML 1Page - Level One GSW-0809 Datasheet HTML 2Page - Level One GSW-0809 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GSW-0809 Version: 3
8-Port Gigabit Ethernet Switch
The LevelOne GSW-0809 Gigabit Ethernet Switch is designed for reliable high-performance networking.
With its non-blocking switching fabric in full-duplex mode, this switch can deliver up to 2000Mbps per port,
while the Store-and-Forward service brings low latency and error-free packet delivery. This
highperformance Gigabit Ethernet switch is perfect for fulfilling the demands of online gaming and
multimedia streaming. Moreover, this switch also supports IEEE 802.3az Energy Efficient Ethernet which
helps reduce power consumption.
Power Saving Features
The GSW-0809supports IEEE 802.3az Energy Efficient Ethernet to provide power-saving benefits without
compromising performance. One of the ways it does this is by automatically detecting the length of
connected cables and can adjust power usage by saving energy on shorter cable connections.
Internal Power
With a built-in power supply, GSW-0809 is simple to install and use. No bulky adapters will hang on
the wall and get in the way of your other electronic devices. Keep your desktop and computer area free
from the clutter of cords!
Easy to Use
The GSW-0809 features plug-and-play for easy installation. No configuration is required. Autonegotiation
on each port senses the link speed of a network device and adjusts for compatibility and optimal
performance.
Key Features
- 8 Gigabit Ethernet ports
- 10/100/1000Mbps wire speed transmission and reception
- 9K jumbo frames to increase data transfer rates
- Supports 8K MAC address auto-learning and auto-aging
- IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
-
-
www.level1.com
Page 1 of 3


Số phần tương tự - GSW-0809

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Level One
GSW-0807 LVL1-GSW-0807 Datasheet
290Kb / 4P
   8 Gigabit Ethernet ports 1000Mbps-Full-duplex
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
More results

Mô tả tương tự - GSW-0809

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
ATMEL Corporation
AT79C1030 ATMEL-AT79C1030 Datasheet
115Kb / 5P
   8-Port Gigabit Ethernet CoS Switch
logo
ORing Industrial Networ...
TGS-1080-M12 ORING-TGS-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-5728-AE ADVANTECH-EKI-5728-AE Datasheet
443Kb / 2P
   8-port Gigabit Ethernet ProView Switch
logo
ORing Industrial Networ...
TGS-1080-M12-BP2 ORING-TGS-1080-M12-BP2 Datasheet
3Mb / 4P
    8-port unmanaged Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-5728I-AE ADVANTECH-EKI-5728I-AE Datasheet
443Kb / 2P
   8-port Gigabit Ethernet ProView Switch
logo
ORing Industrial Networ...
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
   Industrial 8-port managed Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
   Managed Industrial 8-port Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-9080 ORING-IGS-9080 Datasheet
1Mb / 5P
   Industrial 8-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com