công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02046-25 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02046-25
Giải thích chi tiết về linh kiện  3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02046-25 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M02046-25 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02046-15
1
3.3/5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Rev V4
Applications
• 1.06 Gbps Fibre Channel
• 1.25 Gbps Ethernet
• 1.25 Gbps SDH/SONET
• SDH/SONET 155 Mbps Transceivers
• FTTx and Media Converters
• Fast Ethernet Receivers
• FDDI 125 Mbps Receivers
•ESCON Receivers
The M02046 is a highly integrated high-gain limiting amplifier that can be used with the same board layout and foot-
print as the MC2046-2 (refer to 02046-APP-004-X where X is the revision which will change if the application note is
revised). Featuring PECL outputs, the M02046 is intended for use in applications from 100 Mbps to 1.25 Gbps. Full
output swing is achieved even at minimum input sensitivity. The M02046 can operate with a 3.3V or 5V supply.
Included in the M02046 is a programmable signal-level detector, allowing the user to set thresholds at which the
logic outputs are enabled. The signal detect function has typically 2 dB (optical) of hysteresis which prevents chatter
at low input levels. A squelch function, which turns off the output when no signal is present, is provided by externally
connecting the LOS Status output to the JAM input.
The M02046-15 has a CMOS Status output and the M02046-25 has a PECL Status output. Both versions have a
CMOS LOS output.
Other available solutions: M02040-15 3.3/5V Limiting Amplifier for Applications to 2.125 Gbps (PECL outputs)
M02050-15 3.3/5V Limiting Amplifier for Applications to 2.5 Gbps (PECL outputs)
M02049-15 3.3/5V Limiting Amplifier for Applications to 4.3 Gbps (CML outputs)
M02043-15 3.3/5V Limiting Amplifier for Applications to 4.3 Gbps (CML outputs)
Typical Applications Diagram
optional
Limiting
Amplifier
Comparator
DINN
DINP
Offset cancel
Output
Buffer
Threshold
Setting
Circuit
Regulator
VCC
STSET
VCC3
Biasing
I
REF
Jam
LOS
AC-Coupled
to TIA
RST
VTT
Level
Detect
ST
T I A
Photodiode
+3.3 V
MON
M02016
12.1 k
Ω
PECLN
PECLP
AC or DC Coupled
(as described in
Applications Information)
Clock Data
Recovery
Unit
Features
• Pin compatible with the MC2046-2
• Operates with a 3.3V or 5V supply
• 2.8 mV typical input sensitivity at 1.25 Gbps
• Programmable input-signal level detect
• On-chip DC offset cancellation circuit
• CMOS and PECL Signal Detect output variants
• Output Jam Function
• Low power (< 200 mW (M02046-15) at 3.3V including PECL load)


Số phần tương tự - M02046-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results

Mô tả tương tự - M02046-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com