công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02046-25 bảng dữ liệu(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02046-25
Giải thích chi tiết về linh kiện  3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02046-25 bảng dữ liệu(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M02046-25 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02046-25 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02046-15
9
3.3/5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Rev V4
2.0 Pin Definitions
Table 2-1.
Pin Descriptions
QSOP Pin#
Name
Function
1STSET
Loss of signal threshold setting input. Connect a 1% resistor between this pin and VCC3 (pin 2) to set loss of signal threshold.
2VCC3
Power supply input for 3.3V applications or the output of the internally regulated 3.3V voltage when VCC = 5V. Connect
directly to supply for 3.3V applications (internal regulator not in use). Do not connect to power supply if VCC = 5V.
3
GND
Ground.
4
DINP
Non-inverting data input. Internally terminated with 50
Ω to VTT (see Figure 3-2).
5
DINN
Inverting data input. Internally terminated with 50
Ω to VTT (see Figure 3-2).
6
NC
No Connect. Leave Floating.
7VCC3
Power supply input for 3.3V applications or the output of the internally regulated 3.3V voltage when VCC = 5V. Connect
directly to supply for 3.3V applications (internal regulator not in use). Do not connect to power supply if VCC = 5V.
8
JAM
Output disable. When high, data outputs are disabled (with non-inverting output held high and inverting output held low).
Connect to LOS output to disable outputs with loss of signal. Outputs are enabled when JAM is low or floating. Internal 150
k
Ω resistor to ground.
9
LOS
Loss of signal output. Goes high when input signal falls below threshold set by STSET. This output is an open collector TTL
with internal 80 k
Ω pull-up resistor to VCC. Leave floating if not used.
10
ST
Signal detect output. Goes high when input signal amplitude is above threshold set by STSET. In M02046-15, this output is
an open collector TTL with internal 80 k
Ω pull-up resistor to VCC; In M02046-25, this output is PECL. Leave floating if not
used.
11
GND
Ground.
12
PECLN
Inverting data output (PECL).
13
PECLP
Non-inverting data output (PECL).
14
VCC
Power supply. Connect to either +5V or +3.3V.
15
NC
No Connect. Leave Floating.
16
IREF
Internal reference current for the LOS threshold. Must be connected to ground through a 12.1 k
Ω 1% resistor.


Số phần tương tự - M02046-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results

Mô tả tương tự - M02046-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com