công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02046-15 bảng dữ liệu(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02046-15
Giải thích chi tiết về linh kiện  3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02046-15 bảng dữ liệu(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02046-15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02046-15
4
3.3/5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Rev V4
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
1.2
Recommended Operating Conditions
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage (VCC-GND)
-0.5 to +5.75
V
TSTG
Storage temperature
-65 to +150
°C
PECLP, PECLN,
STPECL
PECL Output pins voltage
VCC - 2 to VCC + 0.4
V
I(PECLP), I(PECLN),
I(STPECL)
PECL Output pins maximum continuous current (delivered to load)
30
mA
|DINP - DINN|
Data input pins differential voltage
0.80
V
DINP, DINN
Data input pins voltage meeting |DINP - DINN| requirement
GND to VCC3 + 0.4
V
STSET
Signal detect threshold setting pin voltage
GND to VCC3 + 0.4
V
JAM
Output enable pin voltage
GND to VCC + 0.4
V
STCMOS, LOS
CMOS Status Output pins voltage
GND to VCC + 0.4
V
IREF
Current into Reference input
+0 to -120
µA
I(LOS), I(STCMOS)
Current into CMOS Status Output pins
+3000 to -100
µA
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply: (VCC-GND) (apply no potential to VCC3) or
(VCC3-GND) (connect VCC to same potential as VCC3)
+5V ± 7.5% or +3.3V
± 7.5%
V
Junction temperature
-40 to +110
°C
Operating ambient
-40 to +85
°C


Số phần tương tự - M02046-15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results

Mô tả tương tự - M02046-15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com