công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2734-Q1 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2734-Q1
Giải thích chi tiết về linh kiện  Thin SOT 1-A Load Step-Down DC-DC Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734-Q1 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM2734-Q1 Datasheet HTML 3Page - Texas Instruments LM2734-Q1 Datasheet HTML 4Page - Texas Instruments LM2734-Q1 Datasheet HTML 5Page - Texas Instruments LM2734-Q1 Datasheet HTML 6Page - Texas Instruments LM2734-Q1 Datasheet HTML 7Page - Texas Instruments LM2734-Q1 Datasheet HTML 8Page - Texas Instruments LM2734-Q1 Datasheet HTML 9Page - Texas Instruments LM2734-Q1 Datasheet HTML 10Page - Texas Instruments LM2734-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
L
R
1
R
2
D
1
D2
BOOST
Output
Control
Logic
Current
Limit
Thermal
Shutdown
Under
Voltage
Lockout
Corrective Ramp
Reset
Pulse
PWM
Comparator
Current-Sense Amplifier
RSENSE
+
+
Internal
Regulator
and
Enable
Circuit
Oscillator
Driver
0.3:
Switch
Internal
Compensation
SW
EN
FB
GND
Error Amplifier
-
+
VREF
0.8V
COUT
ON
OFF
VBOOST
IL
VSW
+
-
CBOOST
VOUT
CIN
VIN
VIN
ISENSE
+
-
+
-
0.88V
-
+
OVP
Comparator
Error
Signal
LM2734Z, LM2734Z-Q1
www.ti.com
SNVS334F – JANUARY 2005 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The LM2734Z is a constant frequency buck regulator that can deliver load current of 1 A. Device is optimized for
high-efficiency operation and includes a number of features that make it suitable for demanding applications.
High switching frequency allows for use of small external components enabling small solution size and saving
board space.
Device is designed to operate from wide input voltage range up to 20 V, making it ideal for wide range of
applications (such as automotive, industrial, communications, and so forth). LM2734Z can be controlled through
shutdown pin, consuming only 30 nA in standby mode, making it very appealing for applications that demand
very low standby power consumption.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Theory of Operation
The LM2734Z is a constant frequency PWM buck regulator IC that delivers a 1-A load current. The regulator has
a preset switching frequency of 3 MHz. This high frequency allows the LM2734Z to operate with small surface
mount capacitors and inductors, resulting in a DC–DC converter that requires a minimum amount of board
space. The LM2734Z is internally compensated, so it is simple to use, and requires few external components.
The LM2734Z uses current-mode control to regulate the output voltage.
The following operating description of the LM2734Z refers to the Functional Block Diagram and to the waveforms
in Figure 7. The LM2734Z supplies a regulated output voltage by switching the internal NMOS control switch at
constant frequency and variable duty cycle. A switching cycle begins at the falling edge of the reset pulse
generated by the internal oscillator. When this pulse goes low, the output control logic turns on the internal
NMOS control switch. During this ON-time, the SW pin voltage (VSW) swings up to approximately VIN, and the
inductor current (IL) increases with a linear slope. IL is measured by the current-sense amplifier, which generates
an output proportional to the switch current. The sense signal is summed with the corrective ramp of the
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2734Z LM2734Z-Q1


Số phần tương tự - LM2734-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 TI-LM27341 Datasheet
2Mb / 44P
[Old version datasheet]   LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Mô tả tương tự - LM2734-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com