công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2734YMKX/NOPB bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2734YMKX/NOPB
Giải thích chi tiết về linh kiện  Thin SOT 1-A Load Step-Down DC-DC Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734YMKX/NOPB bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM2734YMKX/NOPB Datasheet HTML 6Page - Texas Instruments LM2734YMKX/NOPB Datasheet HTML 7Page - Texas Instruments LM2734YMKX/NOPB Datasheet HTML 8Page - Texas Instruments LM2734YMKX/NOPB Datasheet HTML 9Page - Texas Instruments LM2734YMKX/NOPB Datasheet HTML 10Page - Texas Instruments LM2734YMKX/NOPB Datasheet HTML 11Page - Texas Instruments LM2734YMKX/NOPB Datasheet HTML 12Page - Texas Instruments LM2734YMKX/NOPB Datasheet HTML 13Page - Texas Instruments LM2734YMKX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LM2734
VIN
BOOST
SW
GND
L
D1
D2
D3
R3
C4
VBOOST
CBOOST
VZ
V
IN
C
IN
V
OUT
C
OUT
LM2734Z, LM2734Z-Q1
SNVS334F – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
Resistor R3 must be chosen to provide enough RMS current to the Zener diode (D3) and to the BOOST pin. A
recommended choice for the Zener current (IZENER) is 1 mA. The current IBOOST into the BOOST pin supplies the
gate current of the NMOS control switch and varies typically according to Equation 8.
IBOOST = (D + 0.5) × (VZENER – VD2) mA
where
D is the duty cycle
VZENER and VD2 are in volts
IBOOST is in milliamps
VZENER is the voltage applied to the anode of the boost diode (D2)
VD2 is the average forward voltage across D2
(8)
NOTE
Equation 8 for IBOOST gives typical current.
For the worst case IBOOST, increase the current by 25%. In that case, the worse-case boost current is:
IBOOST-MAX = 1.25 × IBOOST
(9)
R3 is then given by Equation 10.
R3 = (VIN - VZENER) / (1.25 × IBOOST + IZENER)
(10)
For example, let VIN = 10 V, VZENER = 5 V, VD2 = 0.7 V, IZENER = 1 mA, and duty cycle D = 50%. Then:
IBOOST = (0.5 + 0.5) × (5 - 0.7) mA = 4.3 mA
(11)
R3 = (10 V - 5 V) / (1.25 × 4.3 mA + 1 mA) = 787
(12)
Figure 10. Boost Voltage Supplied from the Shunt Zener on VIN
7.3.3 Soft-Start
This function forces VOUT to increase at a controlled rate during start-up. During soft-start, the reference voltage
of the error amplifier ramps from 0 V to its nominal value of 0.8 V in approximately 200 µs. This forces the
regulator output to ramp up in a more linear and controlled fashion, which helps reduce inrush current.
7.3.4 Output Overvoltage Protection
The overvoltage comparator compares the FB pin voltage to a voltage that is 10% higher than the internal
reference Vref. Once the FB pin voltage goes 10% above the internal reference, the internal NMOS control
switch is turned off, which allows the output voltage to decrease toward regulation.
10
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: LM2734Z LM2734Z-Q1


Số phần tương tự - LM2734YMKX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2734YMKX/NOPB TI1-LM2734YMKX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
More results

Mô tả tương tự - LM2734YMKX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com