công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20143MH bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM20143MH
Giải thích chi tiết về linh kiện  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143MH bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM20143MH Datasheet HTML 1Page - Texas Instruments LM20143MH Datasheet HTML 2Page - Texas Instruments LM20143MH Datasheet HTML 3Page - Texas Instruments LM20143MH Datasheet HTML 4Page - Texas Instruments LM20143MH Datasheet HTML 5Page - Texas Instruments LM20143MH Datasheet HTML 6Page - Texas Instruments LM20143MH Datasheet HTML 7Page - Texas Instruments LM20143MH Datasheet HTML 8Page - Texas Instruments LM20143MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PVIN
SW
AGND
FB
PGOOD
EN
SS/TRK
AVIN
COMP
LM20143
L
RF
VCC
PGND
CIN
RC1
CC1
VIN
CSS
CVCC
COUT
VOUT
RFB2
RFB1
CF
RT
RT
(optional)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM20143, LM20143-Q1
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
LM20143/LM20143-Q1 3-A PowerWise™ Adjustable Frequency Synchronous Buck
Regulator
1 Features
3 Description
The LM20143 devices are full featured PowerWise™
1
Available in AEC-Q100 Temperature Grade 1
adjustable frequency synchronous buck regulators
Input Voltage Range: 2.95 V to 5.50 V
capable of delivering up to 3 A of continuous output
Accurate Current Limit Minimizes Inductor Size
current. The current mode control loop can be
compensated to be stable with virtually any type of
97% Peak Efficiency
output capacitor. For most cases, compensating the
Adjustable Output Voltage Down to 0.80 V
device
only
requires
two
external
components,
Adjustable Switching Frequency (500 kHz to 1.5
providing maximum flexibility and ease of use. The
MHz)
device is optimized to work over the input voltage
range of 2.95 V to 5.5 V, making it suited for a wide
32-m
Ω Integrated FET Switches
variety of low voltage systems.
Starts into Prebiased Loads
The device features internal over voltage protection
Output Voltage Tracking
(OVP) and over current protection (OCP) circuits for
Peak Current Mode Control
increased system reliability. A precision enable pin
Adjustable Soft-Start with External Capacitor
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Start-up
Precision Enable Pin with Hysteresis
inrush currents are limited by both an internally fixed
Integrated OVP, UVLO, Power Good and Thermal
and externally adjustable Soft-Start circuit. Fault
Shutdown
detection and supply sequencing is possible with the
integrated power good circuit.
2 Applications
The frequency of this device can be adjusted from
Simple to Design, High Efficiency Point of Load
500 kHz to 1.5 MHz by connecting an external
Regulation from a 5-V or 3.3-V Bus
resistor from the RT pin to ground.
High Performance DSPs, FPGAs, ASICs, and
The LM20143 is designed to work well in multi-rail
Microprocessors
power supply architectures. The output voltage of the
Broadband, Networking, and Optical
device can be configured to track a higher voltage rail
Communications Infrastructure
using the SS/TRK pin. If the output of the LM20143 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM20143
HTSSOP (16)
4.40 mm × 5.00 mm
LM20143-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM20143MH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20143MH NSC-LM20143MH Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143MHE NSC-LM20143MHE Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143MHX NSC-LM20143MHX Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Mô tả tương tự - LM20143MH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Allegro MicroSystems
A8654 ALLEGRO-A8654 Datasheet
841Kb / 29P
   Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com