công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ34202RVQR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ34202RVQR
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34202RVQR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMZ34202RVQR Datasheet HTML 7Page - Texas Instruments LMZ34202RVQR Datasheet HTML 8Page - Texas Instruments LMZ34202RVQR Datasheet HTML 9Page - Texas Instruments LMZ34202RVQR Datasheet HTML 10Page - Texas Instruments LMZ34202RVQR Datasheet HTML 11Page - Texas Instruments LMZ34202RVQR Datasheet HTML 12Page - Texas Instruments LMZ34202RVQR Datasheet HTML 13Page - Texas Instruments LMZ34202RVQR Datasheet HTML 14Page - Texas Instruments LMZ34202RVQR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
400LFM
200LFM
100LFM
Nat conv
C001
Airflow
105
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
100LFM
Nat conv
C001
105
Airflow
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
200LFM
100LFM
Nat conv
C001
Airflow
105
11
LMZ34202
www.ti.com
SNVSAJ2 – MARCH 2016
Product Folder Links: LMZ34202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics (Thermal Derating)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's
maximum operating temperatures. Derating limits apply to devices soldered directly to a 50 mm × 100 mm, 4-layer PCB with
2 oz. copper.
PVIN = 24 V
VOUT = 3.3 V
fSW = 250 kHz
Figure 16. Safe Operating Area
PVIN = 24 V
VOUT = 5 V
fSW = 250 kHz
Figure 17. Safe Operating Area
PVIN = 24 V
VOUT = 7.5 V
fSW = 400 kHz
Figure 18. Safe Operating Area


Số phần tương tự - LMZ34202RVQR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

Mô tả tương tự - LMZ34202RVQR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com