công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H.QLG5-400KV-2.5A bảng dữ liệu(PDF) 1 Page - Anshan Suly Electronics

tên linh kiện H.QLG5-400KV-2.5A
Giải thích chi tiết về linh kiện  High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANSHAN [Anshan Suly Electronics]
Trang chủ  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

H.QLG5-400KV-2.5A bảng dữ liệu(HTML) 1 Page - Anshan Suly Electronics

  H.QLG5-400KV-2.5A Datasheet HTML 1Page - Anshan Suly Electronics H.QLG5-400KV-2.5A Datasheet HTML 2Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anshan
Anshan
Anshan
Anshan
Suly
Suly
Suly
Suly
Electronics
Electronics
Electronics
Electronics
Co.,
Co.,
Co.,
Co.,
Ltd.
Ltd.
Ltd.
Ltd.
ANSHAN SULY ELECTRONICS CO., LTD.
Website: www.hvdiode.com
Tel: +86-412-8220288
Fax: +86-412-8223397
H.QLG5~400KV/2.5A
H.QLG5~400KV/2.5A
H.QLG5~400KV/2.5A
H.QLG5~400KV/2.5A
Product
Product
Product
Product
Data
Data
Data
Data
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in
a compact structure.
Limiting
Limiting
Limiting
Limiting
Value
Value
Value
Value
(Absolute
Absolute
Absolute
Absolute
Maximum
Maximum
Maximum
Maximum
Rating
Rating
Rating
Rating
 Electrical
Electrical
Electrical
Electrical
Characteristic
Characteristic
Characteristic
Characteristic
(Ta=25
Ta=25
Ta=25
Ta=25
℃ Unless
Unless
Unless
Unless
Otherwise
Otherwise
Otherwise
Otherwise
Specified
Specified
Specified
Specified
Item
Symbol
Unit
Conditions
Data
Repetitive Peak Reverse Voltage
(Single Arm)
VRRM
KV
Ta=25℃
IR=1.0μA
5~400.0
Peak Working Revere Voltage
(Single Arm)
VRWM
KV
Ta=25℃
IR=1.0μA
5~400.0
Non-Repetitive Peak Reverse Voltage
(Single Arm)
VRsM
KV
Ta=25℃
IR=1.0μA
6~480.0
Average Forward Current
IF(AV)
A
( 50KHz Half-sine Wave , Resistance load
@Tbreak=50℃)
2.5
Reverse Recovery Time
trr
nS
IF=50mA IR=100mA IRR=25mA
100/300
Surge Forward Current
IFSM
A
0.01S @ Half-Sine wave
50Hz
100.0
Operating Ambient Temperature
Ta
-40~
+125
Storage Temperature
T stg
-40~
+125
Forward Peak Voltage
(Single Arm; Reference Value)
VFM
V
@ Ta=25℃
IF=0.02A
7.5~600.0
Peak Reverse Current
(Reference Value)
IRRM1
μA
@ Ta=25℃ VRM=VRRM
5.0
IRRM2
μA
@ Ta=100℃ VRM=VRRM
100.0
■ Feature
 Avalanche characteristic
 More sizes to choose
 Epoxy resin molded in vacuum, have
anticorrosion in the surface
Operating Junction Temperature Tj: -
40℃—+150℃
■ Application
High voltage rectifier used in electrostatic
cleaning
High voltage generator
High voltage testing equipment
General purpose high voltage rectifier, voltage
multiplier assembly


Số phần tương tự - H.QLG5-400KV-2.5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anshan Suly Electronics
H.QLG5-400KV-2.0A ANSHAN-H.QLG5-400KV-2.0A Datasheet
203Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results

Mô tả tương tự - H.QLG5-400KV-2.5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anshan Suly Electronics
QLG5-400KV-2.5A ANSHAN-QLG5-400KV-2.5A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QLG5-500KV-1.0A ANSHAN-QLG5-500KV-1.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QL5-400KV-2.0A ANSHAN-H.QL5-400KV-2.0A Datasheet
201Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QLG5-500KV-0.5A ANSHAN-H.QLG5-500KV-0.5A Datasheet
220Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-0.1A ANSHAN-3QL5-500KV-0.1A Datasheet
163Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-1.5A ANSHAN-3QL5-500KV-1.5A Datasheet
163Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-300KV-5.0A ANSHAN-3QLG5-300KV-5.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-400KV-2.0A ANSHAN-3QLG5-400KV-2.0A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-500KV-0.5A ANSHAN-3QLG5-500KV-0.5A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-500KV-1.0A ANSHAN-3QLG5-500KV-1.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QLG5-500KV-0.05A ANSHAN-QLG5-500KV-0.05A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com