công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1707-SP bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện UC1707-SP
Giải thích chi tiết về linh kiện  Dual-Channel Power Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1707-SP bảng dữ liệu(HTML) 5 Page - Texas Instruments

  UC1707-SP_16 Datasheet HTML 1Page - Texas Instruments UC1707-SP_16 Datasheet HTML 2Page - Texas Instruments UC1707-SP_16 Datasheet HTML 3Page - Texas Instruments UC1707-SP_16 Datasheet HTML 4Page - Texas Instruments UC1707-SP_16 Datasheet HTML 5Page - Texas Instruments UC1707-SP_16 Datasheet HTML 6Page - Texas Instruments UC1707-SP_16 Datasheet HTML 7Page - Texas Instruments UC1707-SP_16 Datasheet HTML 8Page - Texas Instruments UC1707-SP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
UC1707-SP
www.ti.com
SLUSAG0A – MARCH 2011 – REVISED MARCH 2016
Product Folder Links: UC1707-SP
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise stated, these specifications apply for TA = –55°C to 125°C; VIN = VC = 20 V. TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VC
Supply current
VC = 40 V, outputs low
5.2
7.5
mA
VC
Leakage current
VIN = 0, VC - 30 V, no load
0.05
0.1
mA
Digital input low level
0.8
V
Digital input high level
2.2
V
Input current
VI = 0
–0.06
–1.0
mA
Input leakage
VI = 5 V
0.05
0.1
mA
VC – VO Output high sat
IO = –50 mA
2.0
V
IO = –500 mA
2.5
V
VO
Output low sat
IO = –50 mA
0.4
V
IO = –500 mA
2.5
V
Analog threshold
VCM = 0 to 15 V
8761901
100
130
150
mV
8761903
90
130
150
mV
Input bias current
VCM = 0
–10
–20
μA
Thermal shutdown
155
°C
Shutdown threshold
Pin 7 input
0.4
1.0
2.2
V
Latch disable threshold
Pin 3 input
0.8
1.2
2.2
V
6.6 Typical Switching Characteristics
VIN = VC = 20 V, TA = 25°C. Delays measured to 10% output change.
PARAMETER
TEST CONDITIONS
OUTPUT CL =
UNIT
FROM INV. INPUT TO OUTPUT
open
1.0
2.2
nF
Rise time delay
40
50
60
ns
10% to 90% rise
25
40
50
ns
Fall time delay
30
40
50
ns
90% to 10% fall
25
40
50
ns
FROM N.I. INPUT TO OUTPUT
Rise time delay
30
40
50
ns
10% to 90% rise
25
40
50
ns
Fall time delay
45
55
65
ns
90% to 10% fall
25
40
50
ns
VC
Cross-conduction current spike duration
Output rise
25
ns
Output fall
0
ns
Analog shutdown delay
Stop non-Inv. = 0 V
180
ns
Stop Inv. = 0 to 0.5 V
180
ns
Digital shutdown delay
2 V input on Pin 7
50
ns


Số phần tương tự - UC1707-SP_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
More results

Mô tả tương tự - UC1707-SP_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com