công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES237 bảng dữ liệu(PDF) 5 Page - Cyrustek corporation

tên linh kiện ES237
Giải thích chi tiết về linh kiện  6000 Counts DMM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYRUSTEK [Cyrustek corporation]
Trang chủ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES237 bảng dữ liệu(HTML) 5 Page - Cyrustek corporation

  ES237 Datasheet HTML 1Page - Cyrustek corporation ES237 Datasheet HTML 2Page - Cyrustek corporation ES237 Datasheet HTML 3Page - Cyrustek corporation ES237 Datasheet HTML 4Page - Cyrustek corporation ES237 Datasheet HTML 5Page - Cyrustek corporation ES237 Datasheet HTML 6Page - Cyrustek corporation ES237 Datasheet HTML 7Page - Cyrustek corporation ES237 Datasheet HTML 8Page - Cyrustek corporation ES237 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
V 2.2
5
2015/12/15
ES237
6000 Counts DMM
Pin Description ( Continued )
Pin No
Symbol
Type
Description
99
RS232
I
Assert low (V-) to make serial data output function not available.
100
OSC2
O
Crystal oscillator output connection.
101
OSC1
I
Crystal oscillator input connection.
102
RSOUT
O
Serial data output.
103
NC
-
Not connected
104
HZ
I
Pulse to V- to enable VAHZ mode or duty cycle measurement in Freq. mode.
105
MMX
I
Pulse to V- to enable MAX/MIN function.
106
REL
I
Pulse to V- to enable/disable Relative function or Zero function. Pulse to V-
larger than one second to enable RS232 output. When RS232 output is enabled,
the APO will be disabled automatically.
107
BKLIT
I
Back light function. Pulse low to set BKOUT pin output.
108
KEY
I
Pulse to V- to change mode.
109
HOLD
I
Pulse to V- to enable HOLD function. Pulse to V- larger than one second to
enable Delayed Hold function.
110
RANGE
I
Pulse to V- to enable manual mode and manual range selection.
111
FC5
I
Switch 5 for function selection.
112
FC4
I
Switch 4 for function selection.
113
FC3
I
Switch 3 for function selection.
114
FC2
I
Switch 2 for function selection.
115
FC1
I
Switch 1 for function selection.
116
SLACDC
I
Select initial DC/AC state.
117
CN
O
Negative capacitor connection for on-chip DC-DC converter.
118
CP
O
Positive capacitor connection for on-chip DC-DC converter.
119
LBAT9
I
Multi-level low battery configuration input. Simple external resistor divider is
required.
120
V-
P
Negative supply voltage.
121
V-
P
Negative supply voltage.
122
V+
O
Output of on-chip DC-DC converter.
123
V+
O
Output of on-chip DC-DC converter.
124
DGND
P / G
Digital ground.
125
AGND
P / G
Analog ground.
126
AGND
P / G
Analog ground.
127
NC
-
Not connected
128
NC
-
Not connected
Note: Pin91-Pin96 are 4-level logic definition: (V+/DGND/Floating/V-), see section Operation mode


Số phần tương tự - ES237

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

Mô tả tương tự - ES237

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com