công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXRS622WBBGZA-RL bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADXRS622WBBGZA-RL
Giải thích chi tiết về linh kiện  plus,minus250temperature/sec Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXRS622WBBGZA-RL bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADXRS622WBBGZA-RL Datasheet HTML 4Page - Analog Devices ADXRS622WBBGZA-RL Datasheet HTML 5Page - Analog Devices ADXRS622WBBGZA-RL Datasheet HTML 6Page - Analog Devices ADXRS622WBBGZA-RL Datasheet HTML 7Page - Analog Devices ADXRS622WBBGZA-RL Datasheet HTML 8Page - Analog Devices ADXRS622WBBGZA-RL Datasheet HTML 9Page - Analog Devices ADXRS622WBBGZA-RL Datasheet HTML 10Page - Analog Devices ADXRS622WBBGZA-RL Datasheet HTML 11Page - Analog Devices ADXRS622WBBGZA-RL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXRS622
Rev. C | Page 10 of 12
ADXRS622 AND SUPPLY RATIOMETRICITY
The ADXRS622 RATEOUT and TEMP signals are ratiometric
to the VRATIO voltage, that is, the null voltage, rate sensitivity, and
temperature outputs are proportional to VRATIO. Therefore, the
ADXRS622 is most easily used with a supply-ratiometric analog-
to-digital converter (ADC) that results in self-cancellation of errors
due to minor supply variations.
There is some small error due to nonratiometric behavior. Typical
ratiometricity error for null, sensitivity, self-test, and temperature
output is outlined in Table 4.
Note that VRATIO must never be greater than AVCC.
Table 4. Ratiometricity Error for Various Parameters
Parameter
V
S = VRATIO = 4.85 V
V
S = VRATIO = 5.15 V
ST1
Mean
0.3%
0.09%
Sigma
0.21%
0.19%
ST2
Mean
−0.15%
−0.2%
Sigma
0.22%
0.2%
Null
Mean
−0.3%
−0.05%
Sigma
0.2%
0.08%
Sensitivity
Mean
0.003%
−0.25%
Sigma
0.06%
0.06%
V
TEMP
Mean
−0.2%
−0.04%
Sigma
0.05%
0.06%
NULL ADJUSTMENT
The nominal 2.5 V null is for a symmetrical swing range at
RATEOUT (1B, 2A). However, a nonsymmetric output swing
may be suitable in some applications. Null adjustment is possible
by injecting a suitable current to SUMJ (1C, 2C). Note that supply
disturbances may reflect some null instability. Digital supply noise
should be avoided, particularly in this case.
SELF-TEST FUNCTION
The ADXRS622 includes a self-test feature that actuates each of
the sensing structures and associated electronics as if subjected
to angular rate. It is activated by standard logic high levels applied
to Input ST1 (5F, 5G), Input ST2 (4F, 4G), or both. ST1 causes
the voltage at RATEOUT to change about −
0.5 V, and ST2 causes
an opposite change of +0.5 V. The self-test response follows the
viscosity temperature dependence of the package atmosphere,
approximately 0.25%/°C.
Activating both ST1 and ST2 simultaneously is not damaging.
ST1 and ST2 are fairly closely matched (±5%), but actuating
both simultaneously may result in a small apparent null bias
shift proportional to the degree of self-test mismatch.
ST1 and ST2 are activated by applying a voltage equal to VRATIO
to the ST1 pin and the ST2 pin. The voltage applied to ST1 and
ST2 must never be greater than AVCC.
CONTINUOUS SELF-TEST
The on-chip integration of the ADXRS622 gives it higher reliability
than is obtainable with any other high volume manufacturing
method. In addition, it is manufactured under a mature BIMOS
process that has field-proven reliability. As an additional failure
detection measure, power-on self-test can be performed.
However, some applications may warrant continuous self-test
while sensing rate. Details outlining continuous self-test
techniques are also available in the AN-768 Application Note.


Số phần tương tự - ADXRS622WBBGZA-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620BBGZ-RL AD-ADXRS620BBGZ-RL Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results

Mô tả tương tự - ADXRS622WBBGZA-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com