công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD40193 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI) |
|
|
CD40193 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI) |
1 / 6 page TLF5988 February 1988 CD40192BMCD40192BC Synchronous 4-Bit UpDown Decade Counter CD40193BMCD40193BC Synchronous 4-Bit UpDown Binary Counter General Description These updown counters are monolithic complementary MOS (CMOS) integrated circuits The CD40192BM and CD40192BC are BCD counters while the CD40193BM and CD40193BC are binary counters Counting up and counting down is performed by two count inputs one being held high while the other is clocked The outputs change on the positive-going transition of this clock These counters feature preset inputs that are enabled when load is a logical ‘‘0’’ and a clear which forces all outputs to ‘‘0’’ when it is at logical ‘‘1’’ The counters also have carry and borrow outputs so that they can be cascaded using no external circuitry All inputs are protected against damage due to static dis- charge by clamps to VDD and VSS Features Y Wide supply voltage range 3V to 15V Y High noise immunity 045 VDD (typ) Y Low power TTL compatibility Fan out of 2 driving 74L or 1 driving 74LS Y Carry and borrow outputs for easy expansion to N-bit by cascading Y Asynchronous clear Y Equivalent to MM54C192MM74C192 and MM54C193MM74C193 Connection Diagram Dual-In-Line Package TLF5988 – 1 Top View Order Number CD40192B or CD40193 Cascading Packages TLF5988 – 2 C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Số phần tương tự - CD40193 |
|
Mô tả tương tự - CD40193 |