công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4016BC bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện CD4016BC
Giải thích chi tiết về linh kiện  Quad Bilateral Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4016BC bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  CD4016BC Datasheet HTML 1Page - National Semiconductor (TI) CD4016BC Datasheet HTML 2Page - National Semiconductor (TI) CD4016BC Datasheet HTML 3Page - National Semiconductor (TI) CD4016BC Datasheet HTML 4Page - National Semiconductor (TI) CD4016BC Datasheet HTML 5Page - National Semiconductor (TI) CD4016BC Datasheet HTML 6Page - National Semiconductor (TI) CD4016BC Datasheet HTML 7Page - National Semiconductor (TI) CD4016BC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
(Notes 1 and 2)
VDD Supply Voltage
b
05V to a18V
VIN Input Voltage
b
05V to VDD a 05V
TS Storage Temperature Range
b
65 Cto a 150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
VDD Supply Voltage
3V to 15V
VIN Input Voltage
0V to VDD
TA Operating Temperature Range
CD4016BM
b
55 Cto a125 C
CD4016BC
b
40 Cto a85 C
DC Electrical Characteristics CD4016BM (Note 2)
Symbol
Parameter
Conditions
b
55 C25 C
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDDe5V VINeVDD or VSS
025
001
025
75
m
A
VDDe10V VINeVDD or VSS
05
001
05
15
m
A
VDDe15V VINeVDD or VSS
10
001
10
30
m
A
Signal Inputs and Outputs
RON
‘‘ON’’ Resistance
RLe10 kX to
VDDbVSS
2
VCeVDD VISeVSS or VDD
VDDe10V
600
250
660
960
X
VDDe15V
360
200
400
600
X
RLe10 kX to
VDDbVSS
2
VCeVDD
VDDe10V VISe475 to 525V
1870
850
2000
2600
X
VDDe15V VISe725 to 775V
775
400
850
1230
X
D
RON
D
‘‘ON’’ Resistance
RLe10 kX to
VDDbVSS
2
Between any 2 of
VCeVDD VISeVSS to VDD
4 Switches
VDDe10V
15
X
(In Same Package)
VDDe15V
10
X
IIS
Input or Output Leakage
VCe0 VDDe15V
g
50
g
01
g
50
g
500
nA
Switch ‘‘OFF’’
VISe15V and 0V
VOSe0V and 15V
Control Inputs
VILC
Low Level Input Voltage
VISeVSS and VDD
VOSeVDD and VSS
IISe g10 mA
VDDe5V
09
07
05
V
VDDe10V
09
07
05
V
VDDe15V
09
07
05
V
VIHC
High Level Input Voltage
VDDe5V
35
35
35
V
VDDe10V
(see Note 6 and
70
70
70
V
VDDe15V
Figure 8 )
110
110
110
V
IIN
Input Current
VDDbVSSe15V
g
01
g
10b5
g
01
g
10
m
A
VDDtVIStVSS
VDDtVCtVSS
2


Số phần tương tự - CD4016BC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
CD4016BC FAIRCHILD-CD4016BC Datasheet
93Kb / 9P
   Quad Bilateral Switch
CD4016BC FAIRCHILD-CD4016BC Datasheet
104Kb / 9P
   Quad Bilateral Switch
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
93Kb / 9P
   Quad Bilateral Switch
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
104Kb / 9P
   Quad Bilateral Switch
CD4016BCN FAIRCHILD-CD4016BCN Datasheet
93Kb / 9P
   Quad Bilateral Switch
More results

Mô tả tương tự - CD4016BC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com