công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4002 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI) |
|
|
CD4002 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI) |
4 / 6 page AC Electrical Characteristics TA e 25 C CL e 15 pF and input rise and fall times e 20 ns Typical temperature coefficient for all values of VDD e 03% C Symbol Parameter Conditions Min Typ Max Units CD4002M tPHL Propagation Delay Time VDD e 50V 35 50 ns High to Low Level VDD e 10V 25 40 ns tPLH Propagation Delay Time VDD e 50V 35 50 ns Low to High Level VDD e 10V 25 40 ns tTHL Transition Time High VDD e 50V 65 175 ns to Low Level VDD e 10V 35 75 ns tTLH Transition Time Low VDD e 50V 65 125 ns to High Level VDD e 10V 35 70 ns CIN Input Capacitance Any Input 50 pF CD4002C tPHL Propagation Delay Time VDD e 50V 35 120 ns High to Low Level VDD e 10V 25 65 ns TPLH Propagation Delay Time VDD e 50V 35 80 ns Low to High Level VDD e 10V 25 55 ns tTHL Transition Time High VDD e 50V 65 300 ns to Low Level VDD e 10V 35 125 ns tTLH Transition Time Low VDD e 50V 65 200 ns to High Level VDD e 10V 35 115 ns CIN Input Capacitance Any Input 50 pF AC Parameters are guaranteed by DC correlated testing AC Electrical Characteristics TA e 25 C CL e 15 pF and input rise and fall times e 20 ns Typical temperature coefficient for all values of VDD e 03% C Symbol Parameter Conditions Min Typ Max Units CD4012M tPHL Propagation Delay Time VDD e 50V 50 75 ns High to Low Level VDD e 10V 25 40 ns tPLH Propagation Delay Time VDD e 50V 50 75 ns Low to High Level VDD e 10V 25 40 ns tTHL Transition Time High VDD e 50V 75 125 ns to Low Level VDD e 10V 50 75 ns tTLH Transition Time Low VDD e 50V 75 100 ns to High Level VDD e 10V 40 60 ns CIN Input Capacitance Any Input 50 pF CD4012C tPHL Propagation Delay Time VDD e 50V 50 100 ns High to Low Level VDD e 10V 25 50 ns TPLH Propagation Delay Time VDD e 50V 50 100 ns Low to High Level VDD e 10V 25 50 ns tTHL Transition Time High VDD e 50V 75 150 ns to Low Level VDD e 10V 50 100 ns tTLH Transition Time Low VDD e 50V 75 125 ns to High Level VDD e 10V 40 75 ns CIN Input Capacitance Any Input 50 pF AC Parameters are guaranteed by DC correlated testing Note 1 ‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’ they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation 4 |
Số phần tương tự - CD4002 |
|
Mô tả tương tự - CD4002 |