công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-Y6763 bảng dữ liệu(PDF) 10 Page - Sanken electric

tên linh kiện STR-Y6763
Giải thích chi tiết về linh kiện  Quasi-Resonant Controllers with Integrated Power MOSFET
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-Y6763 bảng dữ liệu(HTML) 10 Page - Sanken electric

Back Button STR-Y6763 Datasheet HTML 6Page - Sanken electric STR-Y6763 Datasheet HTML 7Page - Sanken electric STR-Y6763 Datasheet HTML 8Page - Sanken electric STR-Y6763 Datasheet HTML 9Page - Sanken electric STR-Y6763 Datasheet HTML 10Page - Sanken electric STR-Y6763 Datasheet HTML 11Page - Sanken electric STR-Y6763 Datasheet HTML 12Page - Sanken electric STR-Y6763 Datasheet HTML 13Page - Sanken electric STR-Y6763 Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
STR-Y6700 Series
STR-Y6700 - DS Rev.4.0
SANKEN ELECTRIC CO.,LTD.
10
Oct. 07, 2014
4.
Functional Block Diagram
UVLO
Reg / ICONST
STARTUP
VCC
GND
D/ST
S/OCP
BD
1
2
6
4
3
BD_STR-Y6700_R1
FB/OLP
5
NF
7
LATCH
LOGIC
OSC
BD
FB/STB
OLP
OCP/BS
DRV
5.
Pin Configuration Definitions
1
5
D/ST
S/OCP
VCC
GND
FB/OLP
BD
(LF3051)
2
4
6
7
NF
3
Pin
Name
Descriptions
1
D/ST
MOSFET drain and startup current input
2
S/OCP
MOSFET source and overcurrent protection
(OCP) signal input
3
VCC
Power supply voltage input for control part and
overvoltage protection (OVP) signal input
4
GND
Ground
5
FB/OLP
Constant voltage control signal input and over
load protection (OLP) signal input
6
BD
Bottom Detection signal input, Input
Compensation detection signal input
7
NF*
(Non-function)
*For stable operation, NF pin should be connected to GND pin, using the shortest possible path.


Số phần tương tự - STR-Y6763

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-Y6763 SANKEN-STR-Y6763 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
STR-Y6763 SANKEN-STR-Y6763 Datasheet
298Kb / 13P
   Off-Line Quasi-Resonant Switching Regulators
More results

Mô tả tương tự - STR-Y6763

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
IW1830 RENESAS-IW1830 Datasheet
603Kb / 6P
   Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power MOSFET
30-Jan-2022
logo
Fairchild Semiconductor
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1822 RENESAS-IW1822 Datasheet
478Kb / 6P
   18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 900V Power BJT
10-Feb-2022
IW1819 RENESAS-IW1819 Datasheet
1Mb / 21P
   18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 800V Power BJT
10-Feb-2022
IW1821 RENESAS-IW1821 Datasheet
506Kb / 6P
   12W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 1200V Power BJT
10-Feb-2022
logo
Infineon Technologies A...
ICE2QR2280Z-1 INFINEON-ICE2QR2280Z-1 Datasheet
1,005Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated
Version 2.1, March 7, 2013
logo
ON Semiconductor
NCP1937 ONSEMI-NCP1937_15 Datasheet
970Kb / 38P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
June, 2015 ??Rev. 4
NCP1937A1DR2G ONSEMI-NCP1937A1DR2G Datasheet
1,017Kb / 38P
   Combination Power Factor Correction and Quasi- Resonant Flyback Controllers for Adapters
November, 2013 ??Rev. 3
NCP1937 ONSEMI-NCP1937_V01 Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com