công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-Y6735 bảng dữ liệu(PDF) 5 Page - Sanken electric

tên linh kiện STR-Y6735
Giải thích chi tiết về linh kiện  Quasi-Resonant Controllers with Integrated Power MOSFET
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-Y6735 bảng dữ liệu(HTML) 5 Page - Sanken electric

  STR-Y6735 Datasheet HTML 1Page - Sanken electric STR-Y6735 Datasheet HTML 2Page - Sanken electric STR-Y6735 Datasheet HTML 3Page - Sanken electric STR-Y6735 Datasheet HTML 4Page - Sanken electric STR-Y6735 Datasheet HTML 5Page - Sanken electric STR-Y6735 Datasheet HTML 6Page - Sanken electric STR-Y6735 Datasheet HTML 7Page - Sanken electric STR-Y6735 Datasheet HTML 8Page - Sanken electric STR-Y6735 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
STR-Y6700 Series
STR-Y6700 - DS Rev.4.0
SANKEN ELECTRIC CO.,LTD.
5
Oct. 07, 2014
Parameter
Symbol
Test
Conditions
Pins
Min.
Typ.
Max.
Units
Notes
BD Pin Source Current
IBD(O)
6 − 4
− 250
− 83
− 30
µA
OLP Bias Current
IFB(OLP)
5 − 4
− 15
− 10
− 5
µA
OLP Threshold Voltage
VFB(OLP)
5 − 4
5.50
5.96
6.40
V
FB Pin Maximum Voltage in
Feedback Operation
VFB(MAX)
5 − 4
3.70
4.05
4.40
V
OVP Threshold Voltage
VCC(OVP)
3− 4
28.5
31.5
34.0
V
Thermal Shutdown Operating
Temperature
Tj(TSD)
135
°C
MOSFET
Drain-to-Source Breakdown
Voltage
VDSS
IDS=300μA
1 – 2
500
V
STR-Y6735 /
35A
650
STR-Y6753 /
54
800
STR-Y6763 /
63A / 65 /66
/66A
Drain Leakage Current
IDSS
VDS=VDSS
1 – 2
300
μA
On Resistance
RDS(ON)
1 – 2
0.8
Ω
STR-Y6735
/ 35A
1.4
STR–Y6754
1.7
STR–Y6766
/ 66A
1.9
STR–Y6753
2.2
STR–Y6765
3.5
STR–Y6763
/ 63A
Switching Time
tf
1 – 2
250
ns
STR–Y6753
/ 63 / 63A
300
ns
STR-Y6735
/ 35A / 54 /
66 / 66A / 65
Thermal Resistance
Channel to Frame Thermal
Resistance
(3)
θ
ch-F
2.4
2.7
°C/W
STR-Y6735
/ 35A / 54
1.9
2.2
STR–Y6766
/ 66A
2.7
3.1
STR–Y6753
2.3
2.6
STR–Y6765
2.8
3.2
STR–Y6763
/ 63A
Channel to Case Thermal
Resistance
(4)
θ
ch-C
5.1
5.9
°C/W
STR-Y6735
/ 35A / 54
4.6
5.3
STR–Y6766
/ 66A
5.4
6.2
STR–Y6753
5.0
5.8
STR–Y6765
5.5
6.3
STR–Y6763
/ 63A
(3) θ
ch-F is thermal resistance between channel and internal frame.
(4) θ
ch-C is thermal resistance between channel and case. Case temperature is measured at the backside surface.


Số phần tương tự - STR-Y6735

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-Y6735 SANKEN-STR-Y6735 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
logo
Allegro MicroSystems
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
More results

Mô tả tương tự - STR-Y6735

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
IW1830 RENESAS-IW1830 Datasheet
603Kb / 6P
   Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power MOSFET
30-Jan-2022
logo
Fairchild Semiconductor
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1822 RENESAS-IW1822 Datasheet
478Kb / 6P
   18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 900V Power BJT
10-Feb-2022
IW1819 RENESAS-IW1819 Datasheet
1Mb / 21P
   18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 800V Power BJT
10-Feb-2022
IW1821 RENESAS-IW1821 Datasheet
506Kb / 6P
   12W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 1200V Power BJT
10-Feb-2022
logo
Infineon Technologies A...
ICE2QR2280Z-1 INFINEON-ICE2QR2280Z-1 Datasheet
1,005Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated
Version 2.1, March 7, 2013
logo
ON Semiconductor
NCP1937 ONSEMI-NCP1937_15 Datasheet
970Kb / 38P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
June, 2015 ??Rev. 4
NCP1937A1DR2G ONSEMI-NCP1937A1DR2G Datasheet
1,017Kb / 38P
   Combination Power Factor Correction and Quasi- Resonant Flyback Controllers for Adapters
November, 2013 ??Rev. 3
NCP1937 ONSEMI-NCP1937_V01 Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com