công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-A6131M bảng dữ liệu(PDF) 3 Page - Sanken electric

tên linh kiện STR-A6131M
Giải thích chi tiết về linh kiện  Off-Line PRC Controllers with Integrated Power MOSFET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6131M bảng dữ liệu(HTML) 3 Page - Sanken electric

  STR-A6131M Datasheet HTML 1Page - Sanken electric STR-A6131M Datasheet HTML 2Page - Sanken electric STR-A6131M Datasheet HTML 3Page - Sanken electric STR-A6131M Datasheet HTML 4Page - Sanken electric STR-A6131M Datasheet HTML 5Page - Sanken electric STR-A6131M Datasheet HTML 6Page - Sanken electric STR-A6131M Datasheet HTML 7Page - Sanken electric STR-A6131M Datasheet HTML 8Page - Sanken electric STR-A6131M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
STR-A6100 Series
STR-A6100 - DS Rev.2.1
SANKEN ELECTRIC CO.,LTD.
3
Jun. 05, 2014
1. Absolute Maximum Ratings
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified, T
A is 25 °C, 7 pin = 8 pin
Parameter
Symbol
Test Conditions
Pins
Rating
Units
Notes
Drain Peak Current
(1)
IDPEAK
Single pulse
8 – 1
3.2
A
A6131/31M
4.0
A6132
2.5
A6151/51M
3.4
A6153E
1.8
A6159/59M
1.2
A6169
Maximum Switching
Current
(2)
IDMAX
(3)
8 – 1
3.2
A
A6131/31M
4.0
A6132
2.5
A6151/51M
3.4
A6153E
1.8
A6159/59M
1.2
A6169
Avalanche Energy
(4)
(5)
EAS
ILPEAK = 2.1 A
8 – 1
32
mJ
A6131/31M
ILPEAK = 2.6 A
78
A6132
ILPEAK = 2.5 A
72
A6151/51M
ILPEAK = 3.4 A
136
A6153E
ILPEAK = 1.8 A
24
A6159/59M
ILPEAK = 1.2 A
7
A6169
S/OCP Pin Voltage
VOCP
1 – 3
− 0.5 to 6
V
VCC Pin Voltage
VCC
2 – 3
35
V
FB/OLP Pin Voltage
VFB/OLP
4 – 3
− 0.5 to 10
V
ST Pin Voltage
VST
5 − 3
− 0.3 to 600
V
MOSFET Power
Dissipation
(6)
PD1
(7)
8 – 1
1.35
W
Control Part Power
Dissipation
(8)
PD2
VCC × ICC
2 – 3
0.15
W
A61××
A61××M
0.46
A6153E
Frame Temperature in
operation
TF
− 20 to 125
°C
Recommended
operation
temperature
TF = 115 °C (max.)
Operating Ambient
Temperature
TOP
− 20 to 125
°C
Storage Temperature
Tstg
− 40 to 125
°C
Junction Temperature
Tch
150
°C
(1) Refer to Figure 3-1 SOA Temperature Derating Coefficient Curve
(2) Maximum Switching Current is Drain current that is limited by the V
GS(th) of internal MOSFET and the gate drive
voltage of internal control IC setting. TA = −20 to 125 °C
(3) STR-A61×× : V
1-3 = 0.86 V, STR-A61××M/E : V1-3 = 1.28 V
(4) Refer to Figure 3-2 Avalanche Energy Derating Coefficient Curve
(5) Single pulse, V
DD = 99 V, L = 20 mH
(6) Refer to Section 3.3 Ta-P
D1 curve
(7) When embedding this hybrid IC onto the printed circuit board (cupper area in a 15 mm × 15 mm)
(8) Refer to Section 3.4 Ta-P
D2 curve


Số phần tương tự - STR-A6131M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-A6131M SANKEN-STR-A6131M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
More results

Mô tả tương tự - STR-A6131M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-A6131 SANKEN-STR-A6131 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6131M SANKEN-STR-A6131M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151M SANKEN-STR-A6151M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6169 SANKEN-STR-A6169 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6153E SANKEN-STR-A6153E Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6151 SANKEN-STR-A6151 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159M SANKEN-STR-A6159M Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159 SANKEN-STR-A6159 Datasheet
851Kb / 25P
   Off-Line PRC Controllers with Integrated Power MOSFET
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com