công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-A6052M bảng dữ liệu(PDF) 4 Page - Sanken electric

tên linh kiện STR-A6052M
Giải thích chi tiết về linh kiện  Off-Line PWM Controllers with Integrated Power MOSFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6052M bảng dữ liệu(HTML) 4 Page - Sanken electric

  STR-A6052M Datasheet HTML 1Page - Sanken electric STR-A6052M Datasheet HTML 2Page - Sanken electric STR-A6052M Datasheet HTML 3Page - Sanken electric STR-A6052M Datasheet HTML 4Page - Sanken electric STR-A6052M Datasheet HTML 5Page - Sanken electric STR-A6052M Datasheet HTML 6Page - Sanken electric STR-A6052M Datasheet HTML 7Page - Sanken electric STR-A6052M Datasheet HTML 8Page - Sanken electric STR-A6052M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
STR-A6000 Series
STR-A6000 - DS Rev.4.3
SANKEN ELECTRIC CO.,LTD.
4
Mar. 13, 2015
2.
Electrical Characteristics
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified, T
A = 25 °C, VCC = 18 V, 7 pin = 8 pin
Parameter
Symbol
Test
Conditions
Pins
Min.
Typ.
Max.
Units
Notes
Power Supply Startup Operation
Operation Start Voltage
VCC(ON)
5 − 3
13.8
15.3
16.8
V
Operation Stop Voltage
(1)
VCC(OFF)
5 − 3
7.3
8.1
8.9
V
Circuit Current in Operation
ICC(ON)
VCC = 12 V
5 − 3
2.5
mA
Startup Circuit Operation
Voltage
VST(ON)
8 − 3
38
V
Startup Current
ISTARTUP
VCC = 13.5 V 5 − 3
− 3.7
− 2.5
− 1.5
mA
Startup Current Biasing
Threshold Voltage
VCC(BIAS)
ICC
= − 100 µA
5 − 3
8.5
9.5
10.5
V
Normal Operation
Average Switching
Frequency
fOSC(AVG)
8 − 3
60
67
74
kHz
A60××M
90
100
110
A60××H / HD
Switching Frequency
Modulation Deviation
Δf
8 − 3
5
kHz
A60××M
8
A60××H / HD
Maximum ON Duty
DMAX
8 − 3
77
83
89
%
Minimum ON Time
tON(MIN)
8 − 3
540
ns
A60××M
470
A60××H / HD
Protection Function
Leading Edge Blanking Time
tBW
340
ns
A60××M
280
A60××H / HD
OCP Compensation
Coefficient
DPC
20
mV/μs
A60××M
33
A60××H / HD
OCP Compensation ON Duty
DDPC
36
%
OCP Threshold Voltage at
Zero ON Duty
VOCP(L)
1 − 3
0.70
0.78
0.86
V
OCP Threshold Voltage at
36% ON Duty
VOCP(H)
VCC = 32 V
1 − 3
0.81
0.9
0.99
V
OCP Threshold Voltage in
Leading Edge Blanking Time
VOCP(LEB)
1 − 3
1.32
1.55
1.78
V
A60××HD
Maximum Feedback Current
IFB(MAX)
VCC = 12 V
4 − 3
− 340
− 230
− 150
µA
Minimum Feedback Current
IFB(MIN)
4 − 3
− 30
− 15
− 7
µA
FB/OLP pin Oscillation Stop
Threshold Voltage
VFB(STB)
4 − 3
0.85
0.95
1.05
V
OLP Threshold Voltage
VFB(OLP)
4 − 3
7.3
8.1
8.9
V
OLP Operation Current
ICC(OLP)
VCC = 12 V
5 − 3
300
600
µA
OLP Delay Time
tOLP
54
68
82
ms
FB/OLP Pin Clamp Voltage
VFB(CLAMP)
4 − 3
11
12.8
14
V
(1) V
CC(BIAS) > VCC(OFF) always.


Số phần tương tự - STR-A6052M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-A6052M SANKEN-STR-A6052M Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6052M SANKEN-STR-A6052M Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A6052M SANKEN-STR-A6052M Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR-A6052M ALLEGRO-STR-A6052M Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
More results

Mô tả tương tự - STR-A6052M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com