công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR4A164HD bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện STR4A164HD
Giải thích chi tiết về linh kiện  Off-Line PWM Controllers with Integrated Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR4A164HD bảng dữ liệu(HTML) 1 Page - Sanken electric

  STR4A164HD Datasheet HTML 1Page - Sanken electric STR4A164HD Datasheet HTML 2Page - Sanken electric STR4A164HD Datasheet HTML 3Page - Sanken electric STR4A164HD Datasheet HTML 4Page - Sanken electric STR4A164HD Datasheet HTML 5Page - Sanken electric STR4A164HD Datasheet HTML 6Page - Sanken electric STR4A164HD Datasheet HTML 7Page - Sanken electric STR4A164HD Datasheet HTML 8Page - Sanken electric STR4A164HD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 Series
Data Sheet
STR4A100 - DSJ Rev.3.3
SANKEN ELECTRIC CO.,LTD.
1
Aug.06, 2015
http://www.sanken-ele.co.jp
© SANKEN ELECTRIC CO.,LTD. 2011
Description
The STR4A100 series are power ICs for switching
power supplies, incorporating a sense MOSFET and a
current mode PWM controller IC.
The low standby power is accomplished by the
automatic switching between the PWM operation in
normal operation and the burst-oscillation under light
load
conditions.
The
product
achieves
high
cost-performance power supply systems with few
external components.
Features
● Current Mode Type PWM Control
● Auto Standby Function
No Load Power Consumption < 10 mW
● Operation Mode
Normal Operation: PWM Mode
Standby : Burst Oscillation Mode
● Random Switching Function
● Slope Compensation Function
● Leading Edge Blanking Function
● Bias Assist Function
● Soft Start Function
● Protections
− Overcurrent Protection (OCP) : Pulse-by-Pulse,
built-in compensation circuit to minimize OCP point
variation on AC input voltage
− Overload Protection (OLP) : Aauto-restart
− Overvoltage Protection (OVP) : Auto-restart
− Thermal Shutdown (TSD) : Auto-restart with
hysteresis
Typical Application
VAC
C1
C5
R1
D1
D2
R2
C2
T1
D51
C51
R51
R52
U51
R54
R56
C52
D
P
S
PC1
PC1
C3
C6
BR1
R53
R55
L2
C53
VOUT
1
2
4
S/GND
S/GND
VCC
FB/OLP
D/ST
S/GND
S/GND
8
7
6
5
STR4A100
U1
(+)
(-)
TC_STR4A100_1_R1
Package
DIP8
SOIC8
Not to Scale
Lineup
● Electrical Characteristics
VD/ST(max.) = 730 V
Products
Package
fOSC(AVG)
RDS(ON)
(max.)
IDLIM(H)
STR4A162S
SOIC8
65kHz
24.6 Ω
0.365 A
STR4A162D
DIP8
STR4A164D
12.9 Ω
0.520 A
STR4A164HD
DIP8
100kHz
12.9 Ω
0.485 A
● Output Power, P
OUT*
Products
Adapter
Open frame
AC230V
AC85
~265V
AC230V
AC85
~265V
STR4A162S
5 W
4 W
7 W
5.5 W
STR4A162D
5.5 W
4.5 W
7.5 W
6 W
STR4A164D
8 W
6 W
10 W
8.5 W
STR4A164HD
9 W
7 W
13 W
10.5 W
* The output power is actual continues power that is measured at
50 °C ambient. The peak output power can be 120 to 140 % of the
value stated here. Core size, ON Duty, and thermal design affect the
output power. It may be less than the value stated here.
Application
● White goods
● Auxiliary power for Flat TVs
● Low power AC/DC adapter
● Battery Chargers
● Other SMPS
余白上 35mm
ヘッター1 線
長さ 174 mm
下方向 33mm
右方向-2mm
ヘッター1 線
長さ 174 mm
下方向 33mm
右方向-2mm


Số phần tương tự - STR4A164HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SemiWell Semiconductor
STR4A60 SEMIWELL-STR4A60 Datasheet
670Kb / 6P
   Bi-Directional Triode Thyristor
STR4A60S SEMIWELL-STR4A60S Datasheet
651Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
STR4A60S TGS-STR4A60S Datasheet
140Kb / 1P
   Sensitive Gate Triacs
logo
SemiWell Semiconductor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
More results

Mô tả tương tự - STR4A164HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com