công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR4A162D bảng dữ liệu(PDF) 3 Page - Sanken electric

tên linh kiện STR4A162D
Giải thích chi tiết về linh kiện  Off-Line PWM Controllers with Integrated Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR4A162D bảng dữ liệu(HTML) 3 Page - Sanken electric

  STR4A162D Datasheet HTML 1Page - Sanken electric STR4A162D Datasheet HTML 2Page - Sanken electric STR4A162D Datasheet HTML 3Page - Sanken electric STR4A162D Datasheet HTML 4Page - Sanken electric STR4A162D Datasheet HTML 5Page - Sanken electric STR4A162D Datasheet HTML 6Page - Sanken electric STR4A162D Datasheet HTML 7Page - Sanken electric STR4A162D Datasheet HTML 8Page - Sanken electric STR4A162D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
STR4A100 Series
STR4A100 - DSJ Rev.3.3
SANKEN ELECTRIC CO.,LTD.
3
Aug.06, 2015
http://www.sanken-ele.co.jp
© SANKEN ELECTRIC CO.,LTD. 2011
1.
Absolute Maximum Ratings
● The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
● Unless otherwise specified T
A = 25 °C, 5 pin = 6 pin = 7 pin = 8 pin
Parameter
Symbol
Test Conditions
Pins
Rating
Units
Notes
FB/OLP Pin Voltage
VFB
1 – 5
− 0.3 to 14
V
FB/OLP Pin Sink Current
IFB
1 – 5
1.0
mA
VCC Pin Voltage
VCC
2 – 5
32
V
D/ST Pin Voltage
VD/ST
4 – 5
− 0.3 to 730
V
Drain Peak Current
IDP
Positive: Single pulse
Negative: Within 2μs of
pulse width
4 – 5
− 0.2 to 0.66
A
4A162S
− 0.2 to 0.7
4A162D
− 0.2 to 0.98
4A164D
4A164HD
Power Dissipation
(1)
PD
(2)
1.34
W
4A162S
1.49
4A162D
1.55
4A164D
4A164HD
Operating Ambient
Temperature
TOP
− 40 to 125
°C
Storage Temperature
Tstg
− 40 to 125
°C
Junction Temperature
Tj
150
°C
(1) Refer to Section 0 MOSFET Temperature versus Power Dissipation Curve
(2) When embedding this hybrid IC onto the printed circuit board (cupper area in a 15mm×15mm)
2. Recommended Operating Conditions
Recommended operating conditions means the operation conditions maintained normal function shown in electrical
characteristics.
Parameter
Symbol
Min.
Max.
Units
Notes
D/ST Pin Voltage in Operation
VD/ST(OP)
− 0.3
584
V
VCC Pin Voltage in Operation
VCC(OP)
11
27
V


Số phần tương tự - STR4A162D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SemiWell Semiconductor
STR4A60 SEMIWELL-STR4A60 Datasheet
670Kb / 6P
   Bi-Directional Triode Thyristor
STR4A60S SEMIWELL-STR4A60S Datasheet
651Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
STR4A60S TGS-STR4A60S Datasheet
140Kb / 1P
   Sensitive Gate Triacs
logo
SemiWell Semiconductor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
More results

Mô tả tương tự - STR4A162D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com