công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR3A453D bảng dữ liệu(PDF) 3 Page - Sanken electric

tên linh kiện STR3A453D
Giải thích chi tiết về linh kiện  Off-Line PWM Controllers with Integrated Power MOSFET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A453D bảng dữ liệu(HTML) 3 Page - Sanken electric

  STR3A453D Datasheet HTML 1Page - Sanken electric STR3A453D Datasheet HTML 2Page - Sanken electric STR3A453D Datasheet HTML 3Page - Sanken electric STR3A453D Datasheet HTML 4Page - Sanken electric STR3A453D Datasheet HTML 5Page - Sanken electric STR3A453D Datasheet HTML 6Page - Sanken electric STR3A453D Datasheet HTML 7Page - Sanken electric STR3A453D Datasheet HTML 8Page - Sanken electric STR3A453D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
STR3A400 Series
STR3A400-DSE Rev.2.1
SANKEN ELECTRIC CO.,LTD.
3
Sept. 18, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2014
1.
Absolute Maximum Ratings
● The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
● Unless otherwise specified T
A = 25 °C, 5 pin = 6 pin = 7 pin = 8 pin
Parameter
Symbol
Conditions
Pins
Rating
Units
Notes
Drain Peak Current
(1)
IDPEAK
Single pulse
8 – 1
3.6
A
3A451 / 51D
5.2
3A453 / 53D
7.2
3A455 / 55D
Avalanche Energy
(2)(3)
EAS
ILPEAK = 2.13 A
8 – 1
53
mJ
3A451 / 51D
ILPEAK = 2.46 A
72
3A453 / 53D
ILPEAK = 3.05 A
110
3A455 / 55D
S/OCP Pin Voltage
VS/OCP
1 – 3
− 2 ~ 6
V
VCC Pin Voltage
VCC
2 – 3
32
V
FB/OLP Pin Voltage
VFB
4 – 3
− 0.3 ~ 14
V
FB/OLP Pin Sink Current
IFB
4 – 3
1.0
mA
D/ST Pin Voltage
VD/ST
8 − 3
−1 ~ V
DSS
V
MOSFET Power
Dissipation
(4)
PD1
(5)
8 – 1
1.68
W
3A451 / 51D
1.76
3A453 / 53D
1.81
3A455 / 55D
Control Part Power
Dissipation
PD2
2 – 3
1.3
W
VCC × ICC
Operating Ambient
Temperature
TOP
− 40 ~ 125
°C
Storage Temperature
Tstg
− 40 ~ 125
°C
Channel Temperature
(6)
Tch
150
°C
(1) Refer to 3.2 MOSFET Safe Operating Area Curves
(2) Refer to Figure 3-2 Avalanche Energy Derating Coefficient Curve
(3) Single pulse, V
DD = 99 V, L = 20 mH
(4) Refer to Section 3.3 Ta-P
D1 Curve
(5) When embedding this hybrid IC onto the printed circuit board (cupper area in a 15 mm × 15 mm)
(6) Recommended frame temperature in operation, T
F, is 115 °C (max.)


Số phần tương tự - STR3A453D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A462HDL SANKEN-STR3A462HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A463HDL SANKEN-STR3A463HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Mô tả tương tự - STR3A453D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com