công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR3A255D bảng dữ liệu(PDF) 4 Page - Sanken electric

tên linh kiện STR3A255D
Giải thích chi tiết về linh kiện  Off-Line PWM Controllers with Integrated Power MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A255D bảng dữ liệu(HTML) 4 Page - Sanken electric

  STR3A255D Datasheet HTML 1Page - Sanken electric STR3A255D Datasheet HTML 2Page - Sanken electric STR3A255D Datasheet HTML 3Page - Sanken electric STR3A255D Datasheet HTML 4Page - Sanken electric STR3A255D Datasheet HTML 5Page - Sanken electric STR3A255D Datasheet HTML 6Page - Sanken electric STR3A255D Datasheet HTML 7Page - Sanken electric STR3A255D Datasheet HTML 8Page - Sanken electric STR3A255D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
STR3A200 Series
STR3A200 - DSJ Rev.2.0
SANKEN ELECTRIC CO.,LTD.
4
May.18, 2015
http://www.sanken-ele.co.jp
© SANKEN ELECTRIC CO.,LTD. 2013
2.
Electrical Characteristics
● The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC
● Unless otherwise specified, T
A = 25 °C, VCC = 18 V, 5 pin = 6 pin = 7 pin = 8 pin
Parameter
Symbol
Test
Conditions
Pins
Min.
Typ.
Max.
Units
Notes
Power Supply Startup Operation
Operation Start Voltage
VCC(ON)
2 − 3
13.8
15.0
16.2
V
Operation Stop Voltage
(1)
VCC(OFF)
2 − 3
7.6
8.5
9.2
V
Circuit Current in Operation
ICC(ON)
VCC = 12 V
2 − 3
1.7
2.3
mA
Startup Circuit Operation
Voltage
VST(ON)
8 − 3
40
47
55
V
Startup Current
ICC(ST)
VCC = 13.5
V
2 − 3
− 4.5
− 2.5
− 1.2
mA
Startup Current Biasing
Threshold Voltage
VCC(BIAS)
ICC=−500µA
2 − 3
8.0
9.6
10.5
V
Normal Operation
Average Switching Frequency
fOSC(AVG)
8 − 3
60
67
73
kHz
Switching Frequency
Modulation Deviation
Δf
8 − 3
5.4
kHz
Maximum Feedback Current
IFB(MAX)
VCC = 12 V
4 − 3
− 170
− 130
− 90
µA
Minimum Feedback Current
IFB(MIN)
4 − 3
− 21
− 13
− 5
µA
Standby Operation
Oscillation Stop FB Voltage
VFB(OFF)
4 − 3
1.06
1.16
1.26
V
3A251 / 51D
/53 / 53D
0.81
0.90
0.99
3A255 / 55D
Protection
Maximum ON Duty
DMAX
8 − 3
70
75
80
%
Leading Edge Blanking Time
tBW
330
ns
OCP Compensation Coefficient
DPC
17.3
mV/μs
OCP Compensation ON Duty
DDPC
36
%
OCP Threshold Voltage at
Zero ON Duty
VOCP(L)
1 − 3
0.735
0.795
0.855
V
OCP Threshold Voltage at
36% ON Duty
VOCP(H)
1 − 3
0.843
0.888
0.933
V
OCP Threshold Voltage During
LEB (tBW)
VOCP(LEB)
1 − 3
1.69
V
OLP Threshold Voltage
VFB(OLP)
VCC= 32V
4 − 3
6.8
7.3
7.8
V
OLP Operation Current
tOLP
55
75
90
ms
OLP Delay Time
ICC(OLP)
VCC= 12V
2 − 3
160
µA
FB/OLP Pin Clamp Voltage
VFB(CLAMP)
4 − 3
10.5
11.8
13.5
V
OVP Threshold Voltage
VCC(OVP)
2 − 3
27.0
29.1
31.2
V
(1) V
CC(BIAS) > VCC(OFF) always.


Số phần tương tự - STR3A255D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results

Mô tả tương tự - STR3A255D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com