công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ACTQ32QML bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện 54ACTQ32QML
Giải thích chi tiết về linh kiện  Quiet Series Quad 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

54ACTQ32QML bảng dữ liệu(HTML) 2 Page - Texas Instruments

  54ACTQ32QML_13 Datasheet HTML 1Page - Texas Instruments 54ACTQ32QML_13 Datasheet HTML 2Page - Texas Instruments 54ACTQ32QML_13 Datasheet HTML 3Page - Texas Instruments 54ACTQ32QML_13 Datasheet HTML 4Page - Texas Instruments 54ACTQ32QML_13 Datasheet HTML 5Page - Texas Instruments 54ACTQ32QML_13 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OBSOLETE
54ACTQ32QML
SNOSAM1A – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
Table 1. Capacitance
Symbol
Parameter
Max
Units
Conditions
CI
Input Capacitance
10.0
pF
VCC = Open
CPD
Power Dissipation
72.0
pF
VCC = 5.0V
Capacitance
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to VCC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to VCC + 0.5V
DC Output Source or Sink Current (IO)
±50 mA
DC VCC or Ground Current per Output Pin (ICC or IGnd)
±50 mA
Thermal Resistance, Junction to Case (
θJC)
See Mil-Std-1835
Storage Temperature (TStg)
−65°C ≤ TA ≤ +150°C
Junction Temperature (TJ)
175°C
Maximum Power Dissipation (PD)
500mW
Lead Temperature (soldering, 10 seconds)
300°C
(1)
Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met,
without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables.
National does not recommend operation of FACT™ circuits outside databook specifications.
Recommended Operating Conditions
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−55°C ≤ TA ≤ +125°C
Minimum Input Edge Rate (
ΔV/Δt)
125 mV/ns
VI from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
Maximum High Level Output Current (IOH)
−24mA
Maximum Low Level Output Current (IOL)
+24mA
Radiation Features
54ACTQ32JRQMLV
100 krads (Si)
54ACTQ32WRQMLV
100 krads (Si)
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: 54ACTQ32QML


Số phần tương tự - 54ACTQ32QML_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
More results

Mô tả tương tự - 54ACTQ32QML_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com