công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC-121R bảng dữ liệu(PDF) 4 Page - Faraday Technology |
|
ADC-121R bảng dữ liệu(HTML) 4 Page - Faraday Technology |
4 / 5 page Fara064d.doc Page 4 of 5 Apr-01(E) Module Details Order Code Gain Black Level Comments Application MMC Equivalent ADC-100R 1.6 230 10-bit FE-100H10-1 ADC-100B 1.6 230 12-bit Composite, Luminance (S-video), digital video decoder front end. High performance applications. fs = 27 MHz FE-100H12-1 ADC-101R 1.6 512 10-bit FE-100H10-2 ADC-101B 1.6 512 12-bit Chrominance , digital video decoder front end. High performance applications. fs = 27 MHz FE-100H12-2 ADC-110R 1.6 230 10-bit relaxed filter Composite, Luminance (S-video), digital video decoder front end. fs = 27 MHz FE-100M-1 ADC-111R 1.6 230 10-bit relaxed filter Chrominance , digital video decoder front end fs = 27 MHz FE-100M-2 ADC-120R 2.475 64 10-bit CCIR-601-2 levels Y input (Component Video) , Expanded active video range. fs = 27 MHz not available ADC-121R 2.475 512 10-bit CCIR-601-2 levels 2.75 MHz Filter Pb,Pr input (Component video), Expanded active video range. fs =13.5 MHz not available ADC-122R 2.475 64 10-bit CCIR-601-2 levels Double delay Y input (Component Video) , Expanded active video range. fs = 27 MHz Matched digital filter delay. Note: PROVISIONAL DATA not available The modules are fitted with a high performance 10-bit analogue to digital converter as standard (R- suffix) but they are also available with a 12-bit analogue converter (B suffix) Devices are normally supplied with a Fairchild half band filter. The units can be optionally supplied with other compatible half band filters, or with no digital filter at the customers request. Application Notes The ADC modules incorporate a clamp circuit which must be fed with a back porch signal derived on the users pcb. This can easily be generated using standard sync separators. The user has control over digital filter inputs DEC_N, OE_N and SYNC appropriately. These inputs allow the user to synchronise the decimation of pixel data and multiplex the outputs from modules. For further details the user should consult the Fairchild datasheet TMC2242. The insertion delay difference between the component modules ADC122R and ADC121R can be eliminated by latching the Luminance data for 1 clock cycle within the application. Note: This product is Aqueous Washable. |
Số phần tương tự - ADC-121R |
|
Mô tả tương tự - ADC-121R |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |