công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

K04RLM12 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện K04RLM12
Giải thích chi tiết về linh kiện  Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

K04RLM12 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button K04RLM12 Datasheet HTML 4Page - Texas Instruments K04RLM12 Datasheet HTML 5Page - Texas Instruments K04RLM12 Datasheet HTML 6Page - Texas Instruments K04RLM12 Datasheet HTML 7Page - Texas Instruments K04RLM12 Datasheet HTML 8Page - Texas Instruments K04RLM12 Datasheet HTML 9Page - Texas Instruments K04RLM12 Datasheet HTML 10Page - Texas Instruments K04RLM12 Datasheet HTML 11Page - Texas Instruments K04RLM12 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OBSOLETE
K04RLM12, LM12CL
SNOSBY8D – MAY 1999 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
GENERAL
Twenty five years ago the operational amplifier was a specialized design tool used primarily for analog
computation. However, the availability of low cost IC op amps in the late 1960's prompted their use in rather
mundane applications, replacing a few discrete components. Once a few basic principles are mastered, op amps
can be used to give exceptionally good results in a wide range of applications while minimizing both cost and
design effort.
The availability of a monolithic power op amp now promises to extend these advantages to high-power designs.
Some conventional applications are given here to illustrate op amp design principles as they relate to power
circuitry. The inevitable fall in prices, as the economies of volume production are realized, will prompt their use in
applications that might now seem trivial. Replacing single power transistors with an op amp will become
economical because of improved performance, simplification of attendant circuitry, vastly improved fault
protection, greater reliability and the reduction of design time.
Power op amps introduce new factors into the design equation. With current transients above 10A, both the
inductance and resistance of wire interconnects become important in a number of ways. Further, power ratings
are a crucial factor in determining performance. But the power capability of the IC cannot be realized unless it is
properly mounted to an adequate heat sink. Thus, thermal design is of major importance with power op amps.
This application summary starts off by identifying the origin of strange problems observed while using the LM12
in a wide variety of designs with all sorts of fault conditions. A few simple precautions will eliminate these
problems. One would do well to read the section on supply bypassing, lead inductance, output clamp
diodes, ground loops and reactive loading before doing any experimentation. Should there be problems
with erratic operation, blow-outs, excessive distortion or oscillation, another look at these sections is in
order.
The management and protection circuitry can also affect operation. Should the total supply voltage exceed
ratings or drop below 15–20V, the op amp shuts off completely. Case temperatures above 150°C also cause
shut down until the temperature drops to 145°C. This may take several seconds, depending on the thermal
system. Activation of the dynamic safe-area protection causes both the main feedback loop to lose control and a
reduction in output power, with possible oscillations. In ac applications, the dynamic protection will cause
waveform distortion. Since the LM12 is well protected against thermal overloads, the suggestions for determining
power dissipation and heat sink requirements are presented last.
SUPPLY BYPASSING
All op amps should have their supply leads bypassed with low-inductance capacitors having short leads and
located close to the package terminals to avoid spurious oscillation problems. Power op amps require larger
bypass capacitors. The LM12 is stable with good-quality electrolytic bypass capacitors greater than 20
μF. Other
considerations may require larger capacitors.
The current in the supply leads is a rectified component of the load current. If adequate bypassing is not
provided, this distorted signal can be fed back into internal circuitry. Low distortion at high frequencies requires
that the supplies be bypassed with 470
μF or more, at the package terminals.
LEAD INDUCTANCE
With ordinary op amps, lead-inductance problems are usually restricted to supply bypassing. Power op amps are
also sensitive to inductance in the output lead, particularly with heavy capacitive loading. Feedback to the input
should be taken directly from the output terminal, minimizing common inductance with the load. Sensing to a
remote load must be accompanied by a high-frequency feedback path directly from the output terminal. Lead
inductance can also cause voltage surges on the supplies. With long leads to the power source, energy stored in
the lead inductance when the output is shorted can be dumped back into the supply bypass capacitors when the
short is removed. The magnitude of this transient is reduced by increasing the size of the bypass capacitor near
the IC. With 20
μF local bypass, these voltage surges are important only if the lead length exceeds a couple feet
(> 1
μH lead inductance). Twisting together the supply and ground leads minimizes the effect.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: K04RLM12 LM12CL


Số phần tương tự - K04RLM12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
K0448 AMPHENOL-K0448 Datasheet
444Kb / 8P
   RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
List of Unclassifed Man...
K0471-K60 ETC2-K0471-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
K0472-K01 ETC2-K0472-K01 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
K0472-K60 ETC2-K0472-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
K0473-K60 ETC2-K0473-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
More results

Mô tả tương tự - K04RLM12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com