công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4610 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM4610
Giải thích chi tiết về linh kiện  Dual DC Operated Tone/Volume/Balance Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4610 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM4610 Datasheet HTML 1Page - Texas Instruments LM4610 Datasheet HTML 2Page - Texas Instruments LM4610 Datasheet HTML 3Page - Texas Instruments LM4610 Datasheet HTML 4Page - Texas Instruments LM4610 Datasheet HTML 5Page - Texas Instruments LM4610 Datasheet HTML 6Page - Texas Instruments LM4610 Datasheet HTML 7Page - Texas Instruments LM4610 Datasheet HTML 8Page - Texas Instruments LM4610 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
OBSOLETE
LM4610
www.ti.com
SNOS474C – MAY 1999 – REVISED APRIL 2013
LM4610 Dual DC Operated Tone/Volume/Balance Circuit
with Texas Instruments 3-D Sound
Check for Samples: LM4610
1
FEATURES
DESCRIPTION
The LM4610 is a DC controlled tone (bass/treble),
2
Texas Instruments 3-D Sound
volume and balance circuit for stereo applications in
Wide Supply Voltage Range, 9V to 16V
car radio, TV and audio systems. It also features
Large Volume Control Range, 75 dB Typical
Texas Instruments' 3D-Sound Circuitry which can be
externally adjusted via a simple RC Network. An
Tone Control, ±15 dB Typical
additional control input allows loudness compensation
Channel Separation, 75 dB Typical
to be simply affected.
Low Distortion, 0.06% Typical for an Input
Four control inputs provide control of the bass, treble,
Level of 0.3 Vrms
balance and volume functions through application of
High Signal to Noise, 80 dB Typical for an
DC voltages from a remote control system or,
Input Level of 0.3 Vrms
alternatively, from four potentiometers which may be
biased from a zener regulated supply provided on the
Few External Components Required
circuit.
Each tone response is defined by a single capacitor
chosen to give the desired characteristic.
Figure 1. 24-Pin MDIP
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM4610

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
LM4610N NSC-LM4610N Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
More results

Mô tả tương tự - LM4610

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 TI1-LM1036 Datasheet
1Mb / 23P
[Old version datasheet]   LM1036 Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
   DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
logo
NTE Electronics
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com