công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4546 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM4546
Giải thích chi tiết về linh kiện  AC 97 Rev 2 Codec
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4546 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM4546 Datasheet HTML 1Page - Texas Instruments LM4546 Datasheet HTML 2Page - Texas Instruments LM4546 Datasheet HTML 3Page - Texas Instruments LM4546 Datasheet HTML 4Page - Texas Instruments LM4546 Datasheet HTML 5Page - Texas Instruments LM4546 Datasheet HTML 6Page - Texas Instruments LM4546 Datasheet HTML 7Page - Texas Instruments LM4546 Datasheet HTML 8Page - Texas Instruments LM4546 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3D
OBSOLETE
LM4546
www.ti.com
SNOS440D – FEBRUARY 1999 – REVISED APRIL 2013
LM4546 AC '97 Rev 2 Codec with Sample Rate Conversion and TI 3D Sound
Check for Samples: LM4546
1
FEATURES
DESCRIPTION
The LM4546 is an audio codec for PC systems which
2
AC'97 Rev 2 Compliant
is fully PC98 compliant and performs the analog
TI's 3D Sound Circuitry
intensive functions of the AC97 Rev 2 architecture.
High Quality Sample Rate Conversion (SRC)
Using 18-bit Sigma-Delta A/D's and D/A's, the
from 4kHz to 48kHz in 1Hz Increments
LM4546 provides 90dB of Dynamic Range.
Multiple Codec Support
The LM4546 was designed specifically to provide a
high quality audio path and provide all analog
Advanced Power Management Support
functionality in a PC audio system. It features full
Digital 3V and 5V Compliant
duplex stereo A/D's and D/A's and an analog mixer
with 2 stereo and 3 mono inputs, each of which has
APPLICATIONS
separate gain, attenuation and mute control. The
Desktop PC Audio Systems
LM4546
also
provides
TI's
3D
Sound
stereo
enhancement.
Portable PC Systems
The
LM4546
supports
variable
sample
rate
Mobile PC Systems
conversion
as
defined
in
the
AC97
Rev2
specification. The sample rate for the A/D and D/A
KEY SPECIFICATIONS
can be programmed separately to convert any rate
Analog Mixer Dynamic Range: 97 dB (Typ)
between 4kHz - 48kHz with a resolution of 1Hz. The
AC97 architecture separates the analog and digital
D/A Dynamic Range: 89 dB (Typ)
functions of the PC audio system allowing both for
A/D Dynamic Range: 90 dB (Typ)
system design flexibility and increased performance.
Block Diagram
Figure 1. LM4546 Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM4546

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4546 NSC-LM4546 Datasheet
308Kb / 18P
   AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4546 NSC-LM4546 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4546A TI1-LM4546A Datasheet
660Kb / 32P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4546AVH NSC-LM4546AVH Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

Mô tả tương tự - LM4546

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4546A TI1-LM4546A Datasheet
660Kb / 32P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
logo
Analog Devices
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com