công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2466 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM2466
Giải thích chi tiết về linh kiện  Monolithic Triple 7.5 ns CRT Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2466 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM2466 Datasheet HTML 1Page - Texas Instruments LM2466 Datasheet HTML 2Page - Texas Instruments LM2466 Datasheet HTML 3Page - Texas Instruments LM2466 Datasheet HTML 4Page - Texas Instruments LM2466 Datasheet HTML 5Page - Texas Instruments LM2466 Datasheet HTML 6Page - Texas Instruments LM2466 Datasheet HTML 7Page - Texas Instruments LM2466 Datasheet HTML 8Page - Texas Instruments LM2466 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
OBSOLETE
LM2466
www.ti.com
SNOSA14B – SEPTEMBER 2003 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (VCC)
+90V
Bias Voltage (VBB)
+16V
Input Voltage (VIN)
0V to 4.5V
Storage Temperature Range (TSTG)
−65°C to +150°C
Lead Temperature
Soldering, <10 sec.
300°C
ESD Tolerance
Human Body Model
2 kV
Machine Model
250V
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
OPERATING RANGES
(1)
VCC
+60V to +85V
VBB
+8V to +15V
VIN
+0V to +3.75V
VOUT
+15V to +75V
Case Temperature (Do not operate the part without
−20°C to +100°C
a heat sink)
(1)
Operating ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the ELECTRICAL CHARACTERISTICS . The ensured specifications apply only for the test
conditions listed. Some performance characteristics may change when the device is not operated under the listed test conditions.
ELECTRICAL CHARACTERISTICS
(See Figure 3 for Test Circuit)
Unless otherwise noted: VCC = +80V, VBB = +12V, CL = 8 pF, TC = 50°C
DC Tests: VIN = 2.25VDC
AC Tests: Output = 40VPP(25V - 65V) at 1MHz
LM2466
Symbol
Parameter
Conditions
Units
Min
Typical
Max
All Three Channels, No Input Signal, No
ICC
Supply Current
30
mA
Output Load
IBB
Bias Current
All Three Channels
18
mA
VOUT
DC Output Voltage
No AC Input Signal, VIN = 1.25V
62
65
68
VDC
AV
DC Voltage Gain
No AC Input Signal
−18
−20
−22
ΔAV
Gain Matching
See(1), No AC Input Signal
1.0
dB
LE
Linearity Error
See(1)(2), AC Input Signal
5
%
tR
Rise Time
See(3), 10% to 90%
7.5
ns
tF
Fall Time
See(3), 90% to 10%
8
ns
OS
Overshoot
See(3)
1
%
(1)
Calculated value from Voltage Gain test on each channel.
(2)
Linearity Error is the variation in dc gain from VIN = 1.0V to VIN = 3.5V.
(3)
Input from signal generator: tr, tf < 1 ns.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2466


Số phần tương tự - LM2466

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2466 NSC-LM2466 Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2466TA NSC-LM2466TA Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
More results

Mô tả tương tự - LM2466

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2407 NSC-LM2407 Datasheet
361Kb / 9P
   Monolithic Triple 7.5 nS CRT Driver
LM2437 NSC-LM2437 Datasheet
529Kb / 10P
   Monolithic Triple 7.5 ns CRT Driver
LM2467 NSC-LM2467 Datasheet
449Kb / 12P
   Monolithic Triple 7.5 ns CRT Driver
LM2436 NSC-LM2436 Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
LM2466 NSC-LM2466 Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
logo
Texas Instruments
LM2407 TI1-LM2407 Datasheet
1Mb / 13P
[Old version datasheet]   Monolithic Triple 7.5 nS CRT Driver
LM2436 TI1-LM2436 Datasheet
1Mb / 13P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com