công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2432 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM2432
Giải thích chi tiết về linh kiện  Monolithic Single Channel 37 MHz HDTV CRT Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2432 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM2432 Datasheet HTML 7Page - Texas Instruments LM2432 Datasheet HTML 8Page - Texas Instruments LM2432 Datasheet HTML 9Page - Texas Instruments LM2432 Datasheet HTML 10Page - Texas Instruments LM2432 Datasheet HTML 11Page - Texas Instruments LM2432 Datasheet HTML 12Page - Texas Instruments LM2432 Datasheet HTML 13Page - Texas Instruments LM2432 Datasheet HTML 14Page - Texas Instruments LM2432 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
+
+
VCC
VBB
IK, R
VIN
VOUT
KR
To IK interface
circuit or RGB
SURFHVVRU¶V ,.
current input
DPROT
VIK
IK current from
other two LM2432s
IK,G/B
OBSOLETE
LM2432
www.ti.com
SNOSAL4E – MARCH 2005 – REVISED APRIL 2013
normal video resumes, a protection element should shunt high video current away from the IK input of the RGB
processor. Since the processor's IK pin is not clamped during normal video, VIK of the LM2432 must not exceed
+16V (VIKMAX). A properly chosen high speed, low-leakage zener diode (DPROT) can be used to protect both the
RGB processor input and LM2432 IK output in this case. Again, it may be necessary for the RGB processor to
have IK leakage compensation for the leakage current attributed to the zener. See a simplified current feedback
interface circuit in Figure 15.
Figure 15. Simplified IK Interface for Current Feedback Systems
LM2432 IK Output and Protection Requirements
The LM2432 IK output sources a copy of the actual cathode current to the interface circuit during the closed-loop
IK measurement interval and during normal video when the IK feedback loop is opened. Because the cathode
current during normal video is much higher than the low current being measured during the measurement
interval, VIK may exceed it's maximum rating. To protect and prevent improper operation of the LM2432, VIK must
be maintained within the range specified in the Operating Ranges.
For voltage feedback topologies, it is recommended to use a high-speed diode to clamp the IK voltage to VBB or
a lower supply during normal video. A small series resistor (RD in Figure 14) can be placed at the IK pin to limit
the current through the diode when clamping. See the TI Demonstration Board for an example. For current
feedback topologies, it is recommended to use a high-speed, low-leakage zener diode to clamp VIK to a properly
chosen zener voltage and shunt the high video current away from the RGB processor's IK input. The zener
voltage should be higher than the clamping voltage of the processor's IK pin and lower than the maximum
voltage rating of either the processor's IK pin or LM2432 VIK, whichever is less.
In a Direct-View TV application with a single neck PCB, it is possible for the three LM2432 IK outputs to share
the one feedback circuit and protection diode by connecting the IK pins together on the neck PCB. This will
reduce component count. In a Rear-Projection TV application with three neck PCBs, the IK pins can be
connected on the central neck PCB or the RGB processor mainboard through cabling. This way, they can share
the interface circuit to feed back the IK voltage or current signal to the RGB processor. However, each LM2432
IK output should have its own protection diode on its PCB.
PC BOARD LAYOUT CONSIDERATIONS
For optimum performance, an adequate ground plane, isolation between channels, good supply bypassing and
minimizing unwanted feedback are necessary. Also, the length of the signal traces from the preamplifier to the
LM2432 and from the LM2432 to the CRT cathode should be as short as possible. The following references are
recommended:
Ott, Henry W., “Noise Reduction Techniques in Electronic Systems”, John Wiley & Sons, New York, 1976.
“Video Amplifier Design for Computer Monitors”, TI Application Note 1013.
Pease, Robert A., “Troubleshooting Analog Circuits”, Butterworth-Heinemann, 1991.
Because of its high small signal bandwidth, the part may oscillate in a TV if feedback occurs around the video
channel through the chassis wiring. To prevent this, leads to the video amplifier input circuit should be shielded,
and input circuit wiring should be spaced as far as possible from output circuit wiring.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2432


Số phần tương tự - LM2432

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
   220V Monolithic Single Channel 37 MHz HDTV CRT Driver
LM2432TE NSC-LM2432TE Datasheet
859Kb / 13P
   220V Monolithic Single Channel 37 MHz HDTV CRT Driver
More results

Mô tả tương tự - LM2432

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
   220V Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
Texas Instruments
LM2459 TI1-LM2459 Datasheet
2Mb / 14P
[Old version datasheet]   Monolithic Single Channel 15 MHz DTV CRT Driver
logo
National Semiconductor ...
LM2459 NSC-LM2459 Datasheet
578Kb / 11P
   Monolithic Single Channel 15 MHz DTV CRT Driver
LM2433 NSC-LM2433 Datasheet
914Kb / 13P
   220V Monolithic Single Channel 16 MHz EDTV CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com