công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSB44104A bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện FSB44104A
Giải thích chi tiết về linh kiện  Motion SPMR 45 LV Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB44104A bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button FSB44104A Datasheet HTML 2Page - Fairchild Semiconductor FSB44104A Datasheet HTML 3Page - Fairchild Semiconductor FSB44104A Datasheet HTML 4Page - Fairchild Semiconductor FSB44104A Datasheet HTML 5Page - Fairchild Semiconductor FSB44104A Datasheet HTML 6Page - Fairchild Semiconductor FSB44104A Datasheet HTML 7Page - Fairchild Semiconductor FSB44104A Datasheet HTML 8Page - Fairchild Semiconductor FSB44104A Datasheet HTML 9Page - Fairchild Semiconductor FSB44104A Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FSB44104A Rev. C0
Electrical Characteristics (TJ = 25°C, unless otherwise specified.)
Inverter Part
1st Notes:
2. BVDSS is the absolute maximum voltage rating between drain and source terminal of each MOSFET. VPN should be sufficiently lees than this vale considering the effect of the
stray inductance so that VDS should not exceed BVDSS in any case.
3. tON and tOFF include the propagation delay of the internal drive IC. tC(ON) and tC(OFF) are the switching time of MOSFET itself under the given gate driving condition internally.
For the detailed information, please see Figure 4.
Figure 4. Switching Time Definition
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain - Source
Breakdown Voltage
VIN = 0 V, ID = 250 A (2nd Notes 1)
40
-
-
V
RDS(ON)
Drain - Source
Turn-On Resistance
VCC = VBS = 15 V, VIN = 5 V, ID = 40 A
-
3.0
4.1
m
VSD
Source - Drain Diode
Forward Voltage
VCC = VBS = 15 V, VIN = 0 V, ISD = 40 A
-
0.8
1.1
V
tON
Switching Characteristic
VPN = 20 V, VCC = VBS = 15 V, ID = 40 A,
VIN = 0 V  5 V, High-side, Inductive Load
(1st Note 3)
-
1200
-
ns
tC(ON)
-
1140
-
ns
tOFF
-
1700
-
ns
tC(OFF)
-
500
-
ns
trr
-70
-
ns
Irr
-5
-
A
tON
VPN = 20 V, VCC = VBS = 15 V, ID = 40 A,
VIN = 0 V  5 V, Low side, Inductive Load
(1st Note 3)
-
1370
-
ns
tC(ON)
-
1000
-
ns
tOFF
-
1850
-
ns
tC(OFF)
-
600
-
ns
trr
-75
-
ns
Irr
-4
-
A
IDSS
Drain - Source Leakage
Current
VDS = VDSS
--
250
A
VDS
ID
VIN
tON
tC(ON)
10% ID
10% VDS
90% ID
100% ID
trr
100% ID
VDS
ID
VIN
tOFF
tC(OFF)
10% VDS
10% ID
(a) turn-on
(b) turn-off


Số phần tương tự - FSB44104A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FSB44104A ONSEMI-FSB44104A Datasheet
681Kb / 14P
   Motion SPM 45 LV Series
December 2013 Rev. C0
More results

Mô tả tương tự - FSB44104A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB43004A FAIRCHILD-FSB43004A Datasheet
860Kb / 12P
   Motion SPMR 45 LV Series
FNC42060F FAIRCHILD-FNC42060F Datasheet
919Kb / 16P
   Motion SPMR 45 Series
FNB40560 FAIRCHILD-FNB40560_15 Datasheet
992Kb / 16P
   Motion SPMR 45 Series
FNB43060T2 FAIRCHILD-FNB43060T2 Datasheet
1Mb / 15P
   Motion SPMR 45 Series
logo
ON Semiconductor
FSB44104A ONSEMI-FSB44104A Datasheet
681Kb / 14P
   Motion SPM 45 LV Series
December 2013 Rev. C0
FSB43004A ONSEMI-FSB43004A Datasheet
818Kb / 14P
   Motion SPM 45 LV Series
May 2015 Rev. 1.1
logo
Fairchild Semiconductor
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com