công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSB50325A bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện FSB50325A
Giải thích chi tiết về linh kiện  Motion SPMR 5 Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325A bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button FSB50325A_14 Datasheet HTML 2Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 3Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 4Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 5Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 6Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 7Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 8Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 9Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FSB50325A, FSB50325AT, FSB50325AS Rev. C5
Figure 3. Recommended MCU Interface and Bootstrap Circuit with Parameters
3rd Notes:
1. Parameters for bootstrap circuit elements are dependent on PWM algorithm. For 15 kHz of switching frequency, typical example of parameters is shown above.
2. RC-coupling (R5 and C5) and C4 at each input of Motion SPM 5 product and MCU (Indicated as Dotted Lines) may be used to prevent improper signal due to surge-noise.
3. Bold lines should be short and thick in PCB pattern to have small stray inductance of circuit, which results in the reduction of surge-voltage. Bypass capacitors such as C1, C2
and C3 should have good high-frequency characteristics to absorb high-frequency ripple-current.
Figure 4. Case Temperature Measurement
3rd Notes:
4. Attach the thermocouple on top of the heat-sink of SPM 5 package (between SPM 5 package and heatsink if applied) to get the correct temperature measurement.
Figure 5. Temperature Profile of VTS (Typical)
HIN
LIN
Output
Note
0
0
Z
Both FRFET Off
0
1
0
Low side FRFET On
10
VDC
High side FRFET On
1
1
Forbidden
Shoot through
Open
Open
Z
Same as (0,0)
COM
VCC
LIN
HIN
VB
HO
VS
LO
P
N
R
3
Inverter
Output
C
3
C
1
+15 V
10
F
These values depend on PWM control algorithm
* Example of Bootstrap Paramters
:
C
1= C2 = 1 F Ceramic Capacitor
R
5
C
5
V
DC
C
2
VTS
* Example Circuit : V phase
C
4
V
One Leg Diagram of Motion SPM
® 5 Product
FSB50325A
FSB50325AT
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
2.5
3.0
3.5
THVIC [
oC]


Số phần tương tự - FSB50325A_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FSB50325AS ONSEMI-FSB50325AS Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
logo
Fairchild Semiconductor
FSB50325AT FAIRCHILD-FSB50325AT Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
logo
ON Semiconductor
FSB50325AT ONSEMI-FSB50325AT Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results

Mô tả tương tự - FSB50325A_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com