công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS33003-M025QFNR bảng dữ liệu(PDF) 6 Page - Semtech Corporation

tên linh kiện TS33003-M025QFNR
Giải thích chi tiết về linh kiện  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33003-M025QFNR bảng dữ liệu(HTML) 6 Page - Semtech Corporation

Back Button TS33003-M025QFNR Datasheet HTML 2Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 3Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 4Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 5Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 6Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 9Page - Semtech Corporation TS33003-M025QFNR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
6 of 16
Semtech
Proprietary & Confidential
DSON
Regulator Characteristics
Electrical characteristics, T
J = -40C to 125C, VCC = 5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Switch Mode Regulator: L=470nH and C=10uF
V
OUT-PWM
Output Voltage Tolerance in Mode
V
OUT
2%
V
OUT
V
OUT +
2%
V
R
DSON
High Side Switch On Resistance
I
VSW = -1A (Note 1)
110
Low Side Switch On Resistance
I
VSW = 1A (Note 1)
75
I
OUT
Output Current
TS33001
TS33002
TS33003
1
2
3
A
I
OCDHS
Over Current Detect HS
TS33001
TS33002
TS33003
1.7
2.7
3.7
A
I
OCDLS
Over Current Detect LS
TS33001
TS33002
TS33003
1.7
2.7
3.7
A
V
OUT-LINE
Output Line Regulation
VCC = 2.5V to 5V,
V
OUT = 1.8V, ILOAD = 1A
-10
10
mV
V
OUT-LOAD
Output Load Regulation
I
LOAD = 10mA to 2A,
VCC = 5V, V
OUT = 1.8V
V
OUT -
0.5%
V
OUT
V
OUT +
0.5%
V
FB
TH
Feedback Reference
FB Switch Point
0.6
V
FB
TH-TOL
Feedback Reference Tolerance
-1.5
1.5
%
I
FB
Feedback Input Current
100nA
nA
T
SS
Softstart Ramp Time
500
uS
V
OUT-PG
V
OUT Power Good Threshold
85% V
OUT
V
OUT-PG_HYST
V
OUT Power Good Hysteresis
2% V
OUT
V
OUT-OV
V
OUT Over Voltage Threshold
106% V
OUT
V
OUT-OV_HYST
V
OUT Over Voltage Hysteresis
2% V
OUT
Note 1: R
is characterized at 1A and tested at lower current in production.


Số phần tương tự - TS33003-M025QFNR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Mô tả tương tự - TS33003-M025QFNR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com